Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R37 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT45R37
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT45R37 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
Pin Description
Pin Name
I/O
Configuration
Option
Description
PA0/BZ/RC0
PA1/BZ/RC1
PA2/TMR0/RC2
PA3/PFD/RC3
PA4/TMR1/SCS/RC4
PA5/SCK/SCL/RC5
PA6/INT0/SDI/SDA/RC6
PA7/INT1/SDO/RC7
I/O
SIM
BZ/BZ
PFD
RC0~RC7
Bidirectional 8-bit input/output port. Each individual bit on this port
can be configured as a wake-up input using the PAWU register.
Software instructions determine if the pin is a CMOS output or
Schmitt trigger input. A pull high resistor can be connected to each
pin using the PAPU register. Pins PA0, PA1, PA3, PA2, PA4, PA6
and PA7 are shared with BZ, BZ, PFD, TMR0, TMR1, INT0 and
INT1 respectively. PA7 is also pin-shared with the SPI bus data
output line, SDO. PA6 is also pin-shared with the SPI bus data line,
SDI and the I
2C Bus data line SDA. PA5 is also pin-shared with the
SPI bus clock line, SCK, and the I
2C Bus clock line SCL. PA4 is
also pin-shared with the SPI bus select line, SCS. The C/R to F
converter inputs RC0~RC7 are shared with pins Pins PA0~PA7
respectively.
PB0/AN0~PB5/AN5
I/O
¾
Bidirectional 6-bit input/output port. Software instructions deter-
mine if the pin is a CMOS output or Schmitt trigger input. A pull
high resistor can be connected to each pin using the PBPU regis-
ter. PB is pin-shared with the A/D input pins. The A/D inputs are se-
lected via software instructions. Once selected as an A/D input,
the I/O function and pull-high resistor selections are disabled auto-
matically.
PC0/RES
I/O
PC0 or RES
Bidirectional line I/O. Software instructions determine if the pin is
an NMOS output or Schmitt Trigger input. A configuration option
determines if the pin is to be used as a RES pin or as an I/O pin.
This pin does not have an internal pull-high function.
PD0/PWM0/RC8
PD1/PWM1/RC9
PD2/RC10~PD5/RC13
PD6/PINT/RC14
PD7/PCLK/RC15
I/O
RC8~RC15
Bidirectional 8-bit input/output port. Software instructions deter-
mine if the pin is a CMOS output or Schmitt trigger input. A pull
high resistor can be connected to each pin using the PDPU regis-
ter. The PWM outputs, PWM0 and PWM1, are pin shared with pins
PD0 and PD1, the function of which is chosen using the PWM reg-
isters. PD6 is pin-shared with the Peripheral Interrupt line, PINT.
PD7 is pin-shared with the Peripheral Clock line, PCLK. The C/R to
F converter inputs RC8~RC15 are shared with pins Pins
PD0~PD7 respectively.
RCOUT/IN
I
¾
Capacitor or resistor connection pin to RC OSC/ Oscillation input.
RREF
I
¾
Reference resistor connection pin
CREF
I
¾
Reference capacitor connection pin
PC1/OSC1
PC2/OSC2
I/O
1.Int. RC OSC
2.Crystal OSC
3.Ext. RC OSC
Bidirectional 2-line I/O. Software instructions determine if the pins
are CMOS outputs or Schmitt Trigger inputs. A pull high resistor
can be connected to each pin using the PCPU register. Configura-
tion options determine if the pins are to be used as oscillator pins
or I/O pins. Configuration options also determine which oscillator
mode is selected. The three oscillator modes are:
1. Internal RC OSC: both pins configured as I/Os.
2. External crystal OSC: both pins configured as OSC1/OSC2.
3. External RC OSC+PC2: PC1 is configured as OSC1 pin, PC2
configured as an I/O.
If the internal RC OSC is selected, the frequency will be fixed at either
4MHz, 8MHz or 12MHz, dependent upon which configuration option
is chosen.
HT45R37
Rev. 1.10
3
January 29, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com