Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R37 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT45R37
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT45R37 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
Pin Name
I/O
Configuration
Option
Description
PC3/OSC3
PC4/OSC4
I/O
RTC OSC
Bidirectional 2-line I/O. Software instructions determine if the pins
are CMOS outputs or Schmitt Trigger inputs. A pull high resistor
can be connected to each pin using the PCPU register. Configura-
tion options determine if the pins are to be used as oscillator pins
or I/O pins. If configuration options select oscillator pins, the pins
are connected to a 32768Hz crystal oscillator.
VDD/AVDD
¾¾
Positive power supply/analog positive power supply.
VSS/AVSS
¾¾
Negative power supply, ground/analog negative power supply,
ground
Note:
The Pin Description table represents the largest package available, therefore some of the pins and functions
may not be available on smaller package types.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ................................................................80mA
IOH Total..............................................................
-80mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz
2.2
¾
5.5
V
fSYS=8MHz
3.0
¾
5.5
V
fSYS=12MHz
4.5
¾
5.5
V
AVDD
A/D Operating Voltage
¾¾
2.7
¾
5.5
V
IDD1
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=fM=1MHz
¾
170
250
mA
5V
¾
380
700
mA
IDD2
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=fM=2MHz
¾
240
360
mA
5V
¾
490
800
mA
IDD3
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=fM=4MHz
(note 4)
¾
440
660
mA
5V
¾
900
1350
mA
IDD4
Operating Current
(EC Mode, Filter On)
3V
No load, fSYS=fM=4MHz
¾
380
570
mA
5V
¾
720
1080
mA
IDD5
Operating Current
(Crystal OSC, RC OSC)
5V
No load, fSYS=fM=8MHz
¾
1.8
2.7
mA
IDD6
Operating Current
(Crystal OSC, RC OSC)
5V
No load, fSYS=fM=12MHz
¾
2.6
4.0
mA
IDD7
Operating Current
(Slow Mode, fM=4MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=500kHz
¾
150
220
mA
5V
¾
340
510
mA
HT45R37
Rev. 1.10
4
January 29, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com