Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R37 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT45R37
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT45R37 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 100 page
background image
HT45R37
Rev. 1.10
31
January 29, 2010
Pulse Width Modulator
The device contains twos Pulse Width Modulation,
PWM, outputs. Useful for such applications such as mo-
tor speed control, the PWM function provides an output
with a fixed frequency, but with a duty cycle that can be
varied by setting particular values into the correspond-
ing PWM register pair.
Channel
PWM
Mode
Output
Pin
Register
Names
1
8+4
PD0
PWM0L~
PWM0H
2
8+4
PD1
PWM1L~
PWM1H
PWM Overview
A register pair, located in the Data Memory is assigned
to each Pulse Width Modulator output and are known as
the PWM registers. It is in each register pair that the
12-bit value, which represents the overall duty cycle of
one modulation cycle of the output waveform, should be
placed. The PWM registers also contain the enable/dis-
able control bit for the PWM outputs. To increase the
PWM modulation frequency, each modulation cycle is
modulated into sixteen individual modulation
sub-sections, known as the 8+4 mode. Note that it is
only necessary to write the required modulation value
into the corresponding PWM register as the subdivision
of the waveform into its sub-modulation cycles is imple-
mented automatically within the microcontroller hard-
ware. The PWM clock source is the system clock fSYS.
This method of dividing the original modulation cycle
into a further 16 sub-cycles enables the generation of
higher PWM frequencies, which allow a wider range of
applications to be served. As long as the periods of the
generated PWM pulses are less than the time constants
of the load, the PWM output will be suitable as such long
time constant loads will average out the pulses of the
PWM output. The difference between what is known as
the PWM cycle frequency and the PWM modulation fre-
quency should be understood. As the PWM clock is the
system clock, fSYS, and as the PWM value is 12-bits
wide, the overall PWM cycle frequency is fSYS/4096.
However, when in the 8+4 mode of operation, the PWM
modulation frequency will be fSYS/256.
PWM
Modulation
Frequency
PWM Cycle
Frequency
PWM Cycle
Duty
fSYS/256
fSYS/4096
(PWM register
value)/4096
8+4 PWM Mode Modulation
Each full PWM cycle, as it is 12-bits wide, has 4096 clock
periods. However, in the 8+4 PWM mode, each PWM cy-
cle is subdivided into sixteen individual sub-cycles known
as modulation cycle 0 ~ modulation cycle 15, denoted as
²i² in the table. Each one of these sixteen sub-cycles con-
tains 256 clock cycles. In this mode, a modulation fre-
quency increase of sixteen is achieved. The 12-bit PWM
register value, which represents the overall duty cycle of
the PWM waveform, is divided into two groups. The first
group which consists of bit4~bit11 is denoted here as the
DC value. The second group which consists of bit0~bit3
is known as the AC value. In the 8+4 PWM mode, the
duty cycle value of each of the two modulation sub-cycles
is shown in the following table.
Parameter
AC (0~15)
DC (Duty Cycle)
Modulation cycle i
(i=0~15)
i
<AC
DC+1
256
i
³AC
DC
256
8+4 Mode Modulation Cycle Values
The accompanying diagram illustrates the waveforms
associated with the 8+4 mode of PWM operation. It is
important to note how the single PWM cycle is subdi-
vided into 16 individual modulation cycles, numbered
0~15 and how the AC value is related to the PWM value.
PWM Output Control
The two outputs, PWM0 and PWM1, are shared with
pins PD0 and PD1. To operate as a PWM output and not
as an I/O pin, bit 0 of the relevant PWM low byte register
bit must be set high. A zero must also be written to the
corresponding bit in the PDC port control register, to en-
sure that the PWM0 output pin is setup as an output. Af-
ter these two initial steps have been carried out, and of
course after the required PWM 12-bit value has been
written into the PWM register pair register, setting the
corresponding bit in the PD data register high will enable
the PWM data to appear on the pin. Writing a zero to the
bit will disable the PWM output function and force the
output low. In this way, the Port D data output register
bits, can also be used as an on/off control for the PWM
function. Note that if the enable bit in the PWM register
is set high to enable the PWM function, but if the corre-
sponding bit in the PDC control register is high to config-
ure the pin as an input, then the pin can still function as a
normal input line, with pull-high resistor selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com