Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R64 Datasheet(PDF) 56 Page - Holtek Semiconductor Inc

Part # HT95R64
Description  CID Phone 8-Bit MCU with CPT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R64 Datasheet(HTML) 56 Page - Holtek Semiconductor Inc

Back Button HT95R64 Datasheet HTML 52Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 53Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 54Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 55Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 56Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 57Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 58Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 59Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 60Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 82 page
background image
HT95R64/HT95R65
Rev. 1.00
56
March 3, 2010
DTMF Receiver
The device contains a fully integrated DTMF receiver which will decode the DTMF frequency content of incoming ana-
log DTMF signals. An internal operational amplifier is also supplied to adjust the input signal level as shown. There is
also a pre-filter function which is a band rejection filter tp reject frequencies between 350Hz and 400Hz. The low group
filter filters the low group frequency signal output, whereas the high group filter filters the high group frequency signal
output. Each filter output is followed by a zero-crossing detector which includes hysteresis. When the signal amplitude
at the output exceeds a specified level, it is transferred into a full swing logic signal.
When the input signal is recognized as an effective DTMF tone, a peripheral interrupt will be generated, and the corre-
sponding DTMF tone code will be generated.
Bit No.
Label
R/W
Function
0
R_PWDN
RW
DTMF Receiver Power Down Enable
R_PWDN= 0
® The DTMF receiver is in normal mode;
R_PWDN= 1
® The DTMF receiver is in power down mode
After reset, R_PWDN = 1
1
R_INH
RW
Inhibit the detection of tones representing characters A, B, C and D
R_INH= 0
® detect tones representing characters A, B, C and D
R_INH= 1
® ignore tones representing characters A, B, C and D
After reset, R_INH = 0
2
R_DV
RW
Data valid output flag
R_DV= 0
® There is no valid DTMF tone received
R_DV= 1
® There is a valid DTMF tone received
7~3
¾
RO
Unused bit, read as
²0²
Note: R_DV should be cleared manually if necessary.
DTMF Receiver Status
( a ) S t a n d a r d I n p u t C i r c u i t
V N
G S
V R E F
C
R 1
R F
V P
V i
V N
G S
V R E F
C 2
R 2
R 5
( b ) D i f f e r e n t i a l I n p u t C i r c u i t
V P
R 4
R 3
C 1
R 1
V i 1
V i 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com