Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R64 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT95R64
Description  CID Phone 8-Bit MCU with CPT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R64 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT95R64 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 9Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 10Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 11Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 12Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
CPT Detector Electrical Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.5
¾
5.5
V
IDD
Operating Current
5V
Functions enabled
¾¾
2mA
2.5V
No load
¾¾
0.8
mA
ISTB
Standby Current
2.5V
Functions disabled or
CPTEN=1
¾¾
1
mA
GDV
Detection Level
5V
fIN=305~640Hz
-36
¾
0
dBm
2.5V
CPTENV=1
-42
¾-8
dBm
GRL
Rejection Level
¾
All frequency, CPTENV=0
¾¾
-50
dBm
fRL
Rejection Out-band
Frequency
¾
V
£0 dBm, CPTENV=0
¾¾
200
Hz
fRH
800
¾¾
Hz
tQI
Detection Pause Time
¾
VSIN
£-50dBm, CPTENV=0
40
¾¾
ms
tDD
Detection Signal Time
¾
In-band signal input,
CPTENV=1
40
¾¾
ms
tB
Rejection Pause Time
¾
VSIN
£-50dBm, CPTENV=1
¾¾
20
ms
tDH
Envelope Output Delay Time
¾
Time for high output
¾
40
¾
ms
tDI
¾
Time for low output
¾
40
¾
ms
tRD
Rejection Noise Time
¾
VSIN=Any signal, CPTENV=0
¾¾
20
ms
tST
Oscillator Start-up Time
¾¾
¾
0.8
2
sec
ZI
Input Impedance
¾
fIN=200~3.4kHz
1.0
¾¾
M
W
VREF
Reference Voltage
¾
No load
2.4
2.5
2.6
V
ZREF
Output Impedance
¾¾
¾
10
20
M
W
VIH
Logic Input High Voltage
5V
¾
3.5
¾¾
V
VIL
Logic Input Low Voltage
5V
¾¾
¾
1.5
V
IIH
Logic Input High Current
5V
VIH=0.5V
¾¾
0.1
mA
IIL
Logic Input Low Current
5V
VIL=0V
-0.1
¾¾
mA
IOH
Output High Current
5V
VOH=4.5V
¾¾
-0.5
mA
IOL
Output Low Current
5V
VOL=0.5V
2.0
¾¾
mA
ISO
Pull-down Current
5V
¾¾
25
35
mA
HT95R64/HT95R65
Rev. 1.00
9
March 3, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com