Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R64 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT95R64
Description  CID Phone 8-Bit MCU with CPT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R64 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT95R64 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 82 page
background image
Selection Table
Part No.
Program
Memory
Data
Memory
I/O
Timer
External
Interrupt
R-Type
LCD
I
2C/
SPI
D/A
DTMF
Generator/
Receiver
FSK
Decoder
CPT
Detector
Stack
Package
HT95R64
8K
´16
2112
´8
40
16-bit
´3
4
4COM
Ö
12-bit
´1
ÖÖ
Ö
8
64LQFP
80LQFP
HT95R65
16K
´16
2112
´8
40
16-bit
´3
4
4COM
Ö
12-bit
´1
ÖÖ
8
64LQFP
80LQFP
Note: These devices are only available in OTP versions.
Block Diagram
Pin Assignment
HT95R64/HT95R65
Rev. 1.00
2
March 3, 2010
D T M F
G e n e r a t o r
S t a c k
O T P
P r o g r a m
M e m o r y
D a t a
M e m o r y
W a t c h d o g
T i m e r
W a t c h d o g
T i m e r O s c i l l a t o r
8 - b i t
R I S C
M C U
C o r e
R e s e t
C i r c u i t
I n t e r r u p t
C o n t r o l l e r
3 2 7 6 8 H z
C r y s t a l
O s c i l l a t o r
P L L
P r o g r a m m a b l e
F r e q u e n c y
G e n e r a t o r
1 6 - b i t
T i m e r s
I / O
P o r t s
D T M F
R e c e i v e r
S P I &
I 2 C
D A C
C o n v e r t e r
F S K
D e c o d e r
L o w B a t t e r y
D e t e c t o r
C P T
D e t e c t o r
H T 9 5 R 6 4
H T 9 5 R 6 5
6 4 L Q F P - A
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8
6 0
6 1
6 2
6 3
6 4
2 9 3 0 3 1 3 2
5 2
5 3
5 4
5 5
5 6
5 7
5 8
5 9
1 4
1 5
1 6
4 3
4 4
4 5
4 6
4 7
4 8
3 6
3 7
3 8
3 9
4 0
4 1
4 2
3 3
3 4
3 5
1 7 1 8 1 9
4 9
5 0
5 1
P A 7
R T / G T
E S T
V D D 2
V S S 2
V P
V N
G S
V R E F
V S S 3
T I P
R I N G
R D E T
R T I M E
V D D 3
C P T E N V
L B I N
D T M F
V S S
V D D
X 1
X 2
I N T
P F D
P D 7
P D 6
P D 5
P D 4
P D 3 / S C O M 3
P D 2 / S C O M 2
P D 1 / S C O M 1
P D 0 / S C O M 0
H T 9 5 R 6 4
H T 9 5 R 6 5
8 0 L Q F P - A
4 7
4 6
4 5
4 4
4 3
4 2
4 1
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 3 4 3 5 3 6 3 7 3 8 3 9 4 0
8 0 7 9 7 8 7 7 7 6 7 5 7 4 7 3 7 2 7 1 7 0 6 9 6 8 6 7 6 6 6 5 6 4 6 3 6 2 6 1
6 0
5 9
5 8
5 7
5 6
5 5
5 4
5 3
5 2
5 1
4 0
4 9
4 8
P A 7
R T / G T
E S T
V D D 2
V S S 2
V P
V N
G S
V R E F
V S S 3
T I P
R I N G
R D E T
R T I M E
V D D 3
V D D 3
P F 0
P F 1
P F 3
P F 3
D T M F
V S S
V D D
X 1
X 2
I N T
P F D
P D 7
P D 6
P D 5
P D 4
P D 3 / S C O M 3
P D 2 / S C O M 2
P D 1 / S C O M 1
P D 0 / S C O M 0
N C
N C
N C
X C
P E 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com