Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R64 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT95R64
Description  CID Phone 8-Bit MCU with CPT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R64 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT95R64 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95R64 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
HT95R64/HT95R65
CID Phone 8-Bit MCU with CPT
Rev. 1.00
1
March 3, 2010
General Description
The series of CID phone MCU are 8-bit high perfor-
mance, RISC architecture microcontroller devices spe-
cially designed for telephone applications. Devices
flexibility are enhanced with their internal special fea-
tures such as power-down and wake-up functions,
DTMF generator, DTMF receiver, FSK decoder, CPT
detector, PFD driver, SPI and I
2C interface, audio DAC
output, etc. These features combine to ensure applica-
tions require a minimum of external components and
therefore reduce overall product costs.
Having the advantages of low-power consumption,
high-performance, I/O flexibility as well as low-cost,
these devices have the versatility to suit a wide range of
application possibilities such as FSK & DTMF mode
Caller ID phone, Home Security products, deluxe fea-
ture phones, cordless phones, fax and answering ma-
chines, etc.
The call progress tone detector is for Auto-dialing sys-
tem use. Switched capacitors technology is imple-
mented into the chip to get good performance
characteristics of band pass filter in the range of 305Hz
to 640Hz call progress tone which is dual tone
multi-frequency signal. When it detected CPT signal
then it generates relative envelopes for external
microcontroller decision to finish different kinds of CPT
signal detection such as dial tone, busy tone, ring-back
tone and reorder tone.
The device will be ideally suited for phone products that
comply with versatile dialer specification requirements
for different areas or countries. The device is fully sup-
ported by the Holtek range of fully functional develop-
ment and programming tools, providing a means for fast
and efficient product development cycles.
Features
· Operating voltage:
fSYS=3.58MHz: 2.2V~5.5V
fSYS=7.16MHz: 3.0V~5.5V
fSYS=10.74MHz: 3.0V~5.5V
fSYS=14.32MHz: 4.5V~5.5V
· Program Memory:
8K
´16 (HT95R64)
16K
´16 (HT95R65)
· 2112´8 Data Memory
· 38 bidirectional I/Os with pull-high options
· 2 NMOS output-only lines
· External interrupt input
· Three 16-bit timers with interrupts
· Timer external input
· 8-level stack
· 32768Hz system oscillator
· 32768Hz up to 14.32MHz frequency-up circuit
· Real time clock function
· Watchdog timer function
· PFD driver output
· Serial Interfaces Module: SIM for SPI or I
2
C
· Internal DTMF generator
· Internal DTMF receiver
· Internal FSK decoder
- Support Bell 202 and V.23
- Support ring and line reverse detection
· 12-bit Audio DAC output
· Power-down and wake-up feature for power-saving
operation: Idle mode, Sleep mode, Green mode
and Normal mode
· Up to 0.28ms instruction cycle with 14.32MHz
system clock at VDD=4.5V~5.5V
· Bit manipulation instructions
· Table read function
· 63 powerful instructions
· All instructions executed in 1 or 2 machine cycles
· Low voltage reset function
· Supported by comprehensive suite of hardware
and software tools
· Internal low battery detector
· Software Controlled R-Type LCD Driver (SCOM)
· Internal Call Progress Tone (CPT) detector
· 64/80-pin LQFP package
Technical Document
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HT95R64

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95R22 HOLTEK-HT95R22 Datasheet
374Kb / 52P
I/O Type Phone 8-bit MCU
HT95R23 HOLTEK-HT95R23 Datasheet
442Kb / 53P
I/O Type Phone 8-bit MCU
March 25, 2008
HT95R24 HOLTEK-HT95R24 Datasheet
365Kb / 53P
Phone 8-bit MCU
February 17, 2009
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
Phone 8-bit MCU
March 6, 2009
HT95R33 HOLTEK-HT95R33 Datasheet
417Kb / 59P
I/O Type Phone 8-bit MCU with DTMF Receiver
February 18, 2009
More results

Similar Description - HT95R64

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95C200 HOLTEK-HT95C200 Datasheet
324Kb / 50P
8-Bit CID Type Phone Controller MCU
October 1, 2002
HT95CXXX HOLTEK-HT95CXXX Datasheet
416Kb / 51P
CID Type Phone 8-Bit MCU
May 26, 2005
HT95R24 HOLTEK-HT95R24 Datasheet
365Kb / 53P
Phone 8-bit MCU
February 17, 2009
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
Phone 8-bit MCU
March 6, 2009
HT95R35 HOLTEK-HT95R35 Datasheet
555Kb / 73P
Phone 8-Bit MCU with DTMF Receiver
October 7, 2009
HT95R54 HOLTEK-HT95R54 Datasheet
541Kb / 80P
CID Phone 8-Bit MCU
March 3, 2010
HT95R44 HOLTEK-HT95R44 Datasheet
97Kb / 8P
I/O Type Phone 8-bit MCU with DTMF Receiver & CPT Detector
HT95R45 HOLTEK-HT95R45 Datasheet
497Kb / 76P
Phone 8-Bit MCU with DTMF Receiver & CPT
logo
Winbond
W925E240 WINBOND-W925E240 Datasheet
522Kb / 73P
8-BIT CID MICROCONTROLLER
logo
Holtek Semiconductor In...
HT95R44 HOLTEK-HT95R44_11 Datasheet
99Kb / 8P
I/O Type Phone 8-bit MCU with DTMF Receiver & CPT Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com