Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCTDA2003 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTCTDA2003
Description  10W CAR RADIO AUDIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTDA2003 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTCTDA2003 Datasheet HTML 1Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 2Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 3Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 4Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 5Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 6Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 7Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UTCTDA2003
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R107-002,A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f=1kHz
Efficiency
¦
Ç
Po=6W,RL=4
69
%
Po=10W,RL=2
65
%
Supply Voltage
Rejection
SVR
f=100Hz,Vripple=0.5V
Rg=10k
Ω,RL=4Ω
30
36
dB
TEST CIRCUIT
DC Test Circuit
UTC
TDA2003
1
2
3
5
4
Vi
RL
1000
µF
470
µF
R1
220
R2
2.2
V
mA
+Vs
AC Test Circuit
UTC
TDA2003
1
2
3
5
4
Vi
+Vs
C1
1
µF
Cx
39nF
C3
100nF
R3
1
RL
Rx
39
C4
1000
µF
C2
470
µF
R1
220
R2
2.2
Rx=20*R2
Cx=1/(2
πB*R1)
UTC
TDA2003
1
2
3
5
4
Vi
+Vs
C1
1
µF
Cx
39nF
C3
100nF
R3
1
RL
Rx
39
C4
1000
µF
C2
470
µF
R1
220
R2
2.2
Rx=20*R2
Cx=1/(2
πB*R1)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com