Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCTDA2003 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UTCTDA2003
Description  10W CAR RADIO AUDIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTDA2003 Datasheet(HTML) 7 Page - Unisonic Technologies

  UTCTDA2003 Datasheet HTML 1Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 2Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 3Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 4Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 5Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 6Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 7Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
UTCTDA2003
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
7
QW-R107-002,A
BUILT-IN PROTECTION SYSTEMS
LOAD DUMP VOLTAGE SURGE
The UTC TDA2003 has a circuit which enables it to withstand a volt. CHARACT age pulse train, on pin 5, of the type
shown in Fig. 23.
If the supply voltage peaks to more than 40V, then an LC filter must be inserted between the supply and pin 5, in
order to assure that the pulses at pin 5 will be head within the limits shown in Fig.22.
A suggested LC network is shown in Fig.23.With this network, a train of pulses with amplitude up to 120V and width of
2ms can be applied at point A. This type of protection is ON when the supply voltage(pulsed or DC) exceeds 18V.For
this reason the maximum operating supply voltage is 18V.
t1=50ms
t2=1000ms
t
Vs
(V)
40
14.4
2mH
From
Supply
Voltage
To
Pin 5
3000
µF
16V
A
B
SHORT CIRCUIT (AC and DC Conditions)
The UTC TDA2003 can withstand a permanent short-circuit on the output for a supply voltage up to 16V.
POLARITY INVERSION
High current(up to 5A) can be handled by the device with no damage for a longer period than the blow-out time of a
quick 1A fuse(normally connected in series with the supply).
The feature is added to avoid destruction if, during fitting to the car, a mistake on connection of the supply is made.
OPEN GROUND
When the radio is in the ON condition and the ground is accidentally opened, a standard audio amplifier will be
damaged. On the UTC TDA2003 protection diodes are included to avoid any damage.
INDUCTIVE LOAD
A protection diode is provide between pin 4 and pin 5(see the internal schematic diagram) to allow use of the UTC
TDA2003 with inductive loads. In particular, the UTC TDA2003 can drive a coupling transformer for audio modulation.
DC VOLTAGE
The maximum operating DC voltage on the UTC TDA2003 is 18V.
However the device can withstand a DC voltage up to 28V with no damage. This could occur during winter if two
batteries were series connected to crank the engine.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com