Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCTDA2003 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTCTDA2003
Description  10W CAR RADIO AUDIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTDA2003 Datasheet(HTML) 4 Page - Unisonic Technologies

  UTCTDA2003 Datasheet HTML 1Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 2Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 3Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 4Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 5Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 6Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 7Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UTCTDA2003
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R107-002,A
TYPICAL PERFORMANCE CHARACTERISTICS
8
10
12
14
16 Vs(V)
Vo(V)
0
4
2
6
8
Fig.1 Quiescent output voltage
vs.Supply voltage
8
10
12
14
16 Vs(V)
0
20
40
60
80
Id(mA)
Fig.2 Quiescent drain current
vs.Supply voltage
0
5
10
15
20 Vs(V)
0
5
10
15
20
Po
(W)
Fig.3 Output power vs.Supply
voltage
Gv=40dB
f=1kHz
d=10%
R=4
R=3.2
R=2
R=1.6
Fig.4 output power vs.load
resistance
0
2
4
6
8 RL(
Ω)
0
4
8
12
16
Po
(W)
Vs=16V
Vs=14.4V
Vs=12V
Vs=8V
Gv=40dB
f=1kHz
d=10%
Fig.5 Gain vs. Input sensitivity
Fig.6 Gain vs. Input sensitivity
10
100
1000
20
24
28
32
36
40
44
48
52
54
58
Gv=40dB
f=1kHz
RL=4
Gv=40dB
f=1kHz
RL=2
10
20
24
28
32
36
40
44
48
52
54
58
100
1000
Fig.7 Distortion vs.
output power
Vi(rms)
Vi(rms)
10
0.1
1
100
0.01
0.1
1
10
100
R=4
R=3.2
R=2
R=1.6
Po(
Ω)
d(%)
Fig.8 Distortion vs.
frequency
10
2
Gv=40dB
f=1kHz
Vs=14.4V
Gv=40dB
Vs=14.4V
RL=2
Ω/4Ω
10
1
10
3
10
4
0
0.2
0.4
0.6
0.8
d(%)
Po=2.5W
Po=50mW
Frequency (Hz)
30
35
40
45
50
55
-50
-40
-30
-20
-10
SVR
(dB)
Fig.9 Supply voltage rejection
vs. voltage gain
Gv(dB)
fripple=100Hz
Vs=14,4V
RL=2.2
Rg=10k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com