Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCTDA2003 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UTCTDA2003
Description  10W CAR RADIO AUDIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTDA2003 Datasheet(HTML) 8 Page - Unisonic Technologies

  UTCTDA2003 Datasheet HTML 1Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 2Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 3Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 4Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 5Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 6Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 7Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
UTCTDA2003
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
8
QW-R107-002,A
THERMAL SHUT-DOWN
The presence of a thermal limiting circuit offers the following advantages:
1).an overload on the output (even if it is permanent),or an excessive ambient temperature can be easily withstood.
2).the heat-sink can have a smaller factor compared with that of a conventional circuit. There is no device damage in
case of excessive junction temperature: all that happens is that Po ( and there Ptot) and Id are reduced.
APPLICATION SUGGESTION
The recommended values of the components are those shown on application circuit of Fig.16. Different values can be
used. The following table can help the designer.
COMPONENT
RECOMMENDED
VALUE
PURPOSE
LARGE THAN
RECOMMENDED
VALUE
LARGE THAN
RECOMMENDED
VALUE
R1
(Gv-1)*R2
gain setting.
increase of Gain
R2
2.2
π
gain and SVR
setting.
Decrease of SVR
R3
1
Ω
Frequency stability
Danger of oscillation
at high frequencies
with inductive loads.
Rx
≈20R2
Upper frequency
cutoff
Poor high frequencies
attenuation
Dange of oscillation
C1
2.2
µF
Input DC decoupling
Noise at switch-on
switch-off
C2
470
µF
Ripple rejection
Decrease of SVR
C3
0.1
µF
Supply voltage
bypass
Dange of oscillation
C4
100
µF
Supply voltage
bypass
Higher low frequency
cutoff
C5
0.1
µF
Frequency stability
Danger of oscillation
at high frequencies
with inductive loads.
Cx
≈1/(2π*B*R1)
Upper frequency
cutoff
smaller bandwidth
Larger bandwidth



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com