Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7626FS Datasheet(PDF) 2 Page - Rohm

Part # BA7626FS
Description  Five inputs Dual Circuits Video Signal Switchers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7626FS Datasheet(HTML) 2 Page - Rohm

  BA7626FS Datasheet HTML 1Page - Rohm BA7626FS Datasheet HTML 2Page - Rohm BA7626FS Datasheet HTML 3Page - Rohm BA7626FS Datasheet HTML 4Page - Rohm BA7626FS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
●Electrical characteristics (Unless otherwise noted Ta=25℃, Vcc=5.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Circuit current
ICC
―
15.0
20.0
mA
―
Maximum
output level
BA7626F/FS
Vom
2.3
2.5
―
Vp-p
f=1kHz, THD=0.5%
Voltage gain
GV
5.7
6.2
6.7
dB
f=1MHz, VIN=1Vp-p
Interchannel crosstalk
GT
―
-65
-45
dB
f=4.43MHz, VIN=1Vp-p
Mute level
CTM
―
-35
-25
dB
f=4.43MHz, VIN=1Vp-p
Frequency characteristic
Gf
-3
0
+3
dB
10MHz/1MHz, VIN=1Vp-p
Input inpedance
ZIN
16
20
24
kΩ
CTL pin switching level
VTH
2.2
―
3.3
V
―
※
This product is not designed for protection against radioactive rays.
●Truth table
Input
Output
Input
Output
Input
Output
A
B
E
MONOUT
C
D
E
VOUT1
C
D
E
VOUT2
L
L
※
IN1
L
L
※
-
L
L
※
IN1
H
L
※
IN2
H
L
※
IN2
H
L
※
-
L
H
※
IN3
L
H
※
IN3
L
H
※
IN3
H
H
L
IN4
H
H
L
IN4
H
H
L
IN4
H
H
H
IN5
H
H
H
IN5
H
H
H
IN5
※
Indicates “don’t care”(H or L)
●Block diagram
●Application circuit
Fig.1
Fig.2
●Cautions on use
1) Numbers and data in entries are representative design values and are not guaranteed values of the items.
2) Although we are confident in recommending the sample application circuits, carefully check their characteristics further when
using them. When modifying externally attached component constants before use, determine them so that they have
sufficient margins by taking into account variations in externally attached components and the Rohm LSI, not only for static
characteristics but also including transient characteristics.
3) Absolute maximum ratings
If applied voltage, operating temperature range, or other absolute maximum ratings are exceeded, the LSI may be
damaged. Do not apply voltages or temperatures that exceed the absolute maximum ratings. If you think of a case in
which absolute maximum ratings are exceeded, enforce fuses or other physical safety measures and investigate how not to
apply the conditions under which absolute maximum ratings are exceeded to the LSI.
4) GND potential
Make the GND pin voltage such that it is the lowest voltage even when operating below it. Actually confirm that the voltage
of each pin does not become a lower voltage than the GND pin, including transient phenomena.
5) Thermal design
Perform thermal design in which there are adequate margins by taking into account the allowable power dissipation in
actual states of use.
6) Shorts between pins and misinstallation
When mounting the LSI on a board, pay adequate attention to orientation and placement discrepancies of the LSI. If it is
misinstalled and the power is turned on, the LSI may be damaged. It also may be damaged if it is shorted by a foreign
substance coming between pins of the LSI or between a pin and a power supply or a pin and a GND.
7) Operation in strong magnetic fields
Adequately evaluate use in a strong magnetic field, since there is a possibility of malfunction.
IN5
1
IN1
CTL A
VOUT1
VCC
IN2
CTL B
VOUT2
GND
GND
IN4
CTL E
CTL D
16
15
14
13
12
11
10
9
2
3
4
5
6
7
8
IN3
CTL C
logic
logic
6dB
6dB
MONOUT
VOUT1
1
IN1
MONOUT
FRONT
75
2.2
μ
GND
IN5
GND
IN4
CTL E
IN3
CTL A
VCC
IN2
CTL B
CTL C
16
15
14
13
12
11
10
9
2
3
4
5
6
7
8
VOUT2
CTL D
75
2.2
470
μ
75
2.2
47
μ
103
A933
+ 5.0V
REAR
75
2.2
μ
75
2.2
μ
F / R
CTL
REC
CTL
AUX
75
470
μ
100
VCC
BS
LD
MON
CTL
75
VCC
75
470
μ
VCC
100
TV
VTR
OUT
IN1
VTR
OUT
IN2
100
+
+
+
+
+
+
+
+
+



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com