Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7626FS Datasheet(PDF) 4 Page - Rohm

Part # BA7626FS
Description  Five inputs Dual Circuits Video Signal Switchers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7626FS Datasheet(HTML) 4 Page - Rohm

  BA7626FS Datasheet HTML 1Page - Rohm BA7626FS Datasheet HTML 2Page - Rohm BA7626FS Datasheet HTML 3Page - Rohm BA7626FS Datasheet HTML 4Page - Rohm BA7626FS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Catalog No.08T296A '08.8 ROHM ©
Tape
Quantity
Direction
of feed
Embossed carrier tape
2500pcs
(The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand)
Reel
<Tape and Reel information>
E2
1Pin
SOP16
(Unit:mm)
<Dimension>
0.15
±0.1
0.4
±0.1
1
16
10.0
±0.2
8
9
1.27
0.1
Direction of feed
※When you order , please order in times the amount of package quantity.
※When you order , please order in times the amount of package quantity.
Tape
Quantity
Direction
of feed
Embossed carrier tape
2500pcs
E2
(The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand)
<Tape and Reel information>
Reel
Direction of feed
1pin
(Unit:mm)
SSOP-A16
<Dimension>
6.6
±0.2
0.36
±0.1
1
16
8
9
0.8
0.15
±0.1
0.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com