Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7626FS Datasheet(PDF) 3 Page - Rohm

Part # BA7626FS
Description  Five inputs Dual Circuits Video Signal Switchers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7626FS Datasheet(HTML) 3 Page - Rohm

  BA7626FS Datasheet HTML 1Page - Rohm BA7626FS Datasheet HTML 2Page - Rohm BA7626FS Datasheet HTML 3Page - Rohm BA7626FS Datasheet HTML 4Page - Rohm BA7626FS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
●Pin descriptions(Ta=25℃, VCC=5V)
Pin No.
Pin name
Equivalent circuit
BA7626F/FS
3
5
7
12
16
IN5
IN4
IN3
IN2
IN1
6
8
9
11
15
CTL E
CTL D
CTL C
CTL B
CTL A
1
MONOUT
10
14
VOUT2
VOUT1
●Selection of order type
Part. No.
B
A
7
6
26
Tape and Reel information
E
2
BA7626F
BA7626FS
F
BA7626F…E2(Embossed carrier tape)
BA7626FS…E2(Embossed carrier tape)
VCC
IN
4.3V
30k
20k
QN
QN
QN
200
100
μA
VOUT
QN20
QN15
100
40k
QN
QN5
VCC
200
μA
D
600
μA
2k
50k
D
50k
30k
QN
QP
VCC
CTL
MONOUT
QN20
QN6
100
17k
QN
QN2
QN3
VCC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com