Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7626FS Datasheet(PDF) 1 Page - Rohm

Part # BA7626FS
Description  Five inputs Dual Circuits Video Signal Switchers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7626FS Datasheet(HTML) 1 Page - Rohm

  BA7626FS Datasheet HTML 1Page - Rohm BA7626FS Datasheet HTML 2Page - Rohm BA7626FS Datasheet HTML 3Page - Rohm BA7626FS Datasheet HTML 4Page - Rohm BA7626FS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL NOTE
High performance video signal switcher
Five inputs Dual Circuits
Video Signal Switchers
BA7626F/FS
●Description
The BA7626F/FS is a 5-input video signal switching circuit with a broadband 6 dB amplifier that was developed
for AV amplifier input switching. Just by devising a transistor buffer in the output, player switching of two VCR or other
videotape players and three DVD players or other playback devices is possible. Moreover, input switching and switching of
recording to a VCR or other device also can be performed independently.
Since the input circuit of the BA7626F/FS is terminated by 20kΩ impedance, it is suited to not only video signal but also
chroma signal or audio signal switching.
●Features
1) 5 input line, 3 output line switching
2) Built-in 6 dB amplifier
3) 5V operating voltage
4) 20kΩ input impedance
●Use
AV amplifiers, Video selectors, etc.
●Lineup
Part No.
BA7626F
BA7626FS
Package
SOP16
SSOP-A16
Input type
Bias (R=20kΩ)
●Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Limits
Unit
Supply voltage
Vcc
9
V
Power
dissipation
BA7626F
Pd
300 ※1
mW
BA7626FS
600 ※2
Operating temperature
Topr
-25~+70
℃
Storage temperature
Tstg
-55~+125
℃
※
1 Deratings is done at 3.0mW/℃ above Ta=25℃.(BA7626F)
※
2 Deratings is done at 6.0mW/℃ above Ta=25℃.(BA7626FS)
●Operating Range(Ta=25℃)
Parameter
Symbol
Min
Typ
Max
Unit
Power supply voltage
Vcc
4.5
5.0
5.5
V
Aug.2008


Similar Part No. - BA7626FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7626FS ROHM-BA7626FS Datasheet
157Kb / 5P
Five inputs Dual Circuits Video Signal Switchers
More results

Similar Description - BA7626FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7603F ROHM-BA7603F Datasheet
148Kb / 5P
Triple Circuits Video Signal Switchers
BA7606F ROHM-BA7606F Datasheet
160Kb / 5P
Triple Circuits Video Signal Switchers
BA7607F ROHM-BA7607F Datasheet
153Kb / 5P
Triple Circuits Video Signal Switchers
BA7609F ROHM-BA7609F Datasheet
155Kb / 5P
Triple Circuits Video Signal, Audio Signal Switchers
BA7626F ROHM-BA7626F Datasheet
157Kb / 5P
Five inputs Dual Circuits Video Signal Switchers
BA7627FV ROHM-BA7627FV Datasheet
213Kb / 5P
Triple Circuits Video Signal Switchers
BA7606F ROHM-BA7606F Datasheet
165Kb / 5P
Triple Circuits Video Signal Switchers
BA7607F ROHM-BA7607F Datasheet
159Kb / 5P
Triple Circuits Video Signal Switchers
BA7609F ROHM-BA7609F Datasheet
160Kb / 5P
Triple Circuits Video Signal, Audio Signal Switchers
BA7602F ROHM-BA7602F_08 Datasheet
883Kb / 9P
Triple Circuits Video Signal Switchers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com