Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3221ARZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADV3221ARZ-R7
Description  800 MHz, 4:1 Analog Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3221ARZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV3221ARZ-R7 Datasheet HTML 3Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 4Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 5Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 6Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 7Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 8Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 9Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 10Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADV3221/ADV3222
Rev. 0 | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
IN0
1
GND
2
IN1
3
GND
4
V+
16
A0
15
A1
14
CS
13
IN2
5
OUT
12
GND
6
CK2
11
IN3
7
CK1
10
GND
8
V–
9
ADV3221/
ADV3222
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
IN0
Analog Input
2
GND
Ground
3
IN1
Analog Input
4
GND
Ground
5
IN2
Analog Input
6
GND
Ground
7
IN3
Analog Input
8
GND
Ground
9
V−
Negative Power Supply
10
CK1
First Rank Clock
11
CK2
Second Rank Clock
12
OUT
Analog Output
13
CS
Chip Select (Output Enable)
14
A1
Select Address Most Significant Bit
15
A0
Select Address Least Significant Bit
16
V+
Positive Power Supply
Table 7. Truth Table
CS
A1
A0
CK1
CK2
Output
0
0
0
0
0
IN0
0
0
1
0
0
IN1
0
1
0
0
0
IN2
0
1
1
0
0
IN3
1
X1
X1
0
0
High-Z
1 X is don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com