Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3221ARZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADV3221ARZ-R7
Description  800 MHz, 4:1 Analog Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3221ARZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV3221ARZ-R7 Datasheet HTML 5Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 6Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 7Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 8Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 9Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 10Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 11Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 12Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADV3221/ADV3222
Rev. 0 | Page 9 of 20
2
–2
–1
0
1
0
5
10
15
20
TIME (ns)
0pF
2pF
4.7pF
10pF
Figure 12. ADV3221 Large Signal Pulse Response vs. Capacitive Load, 2 V p-p
3000
–3000
–2000
–1000
0
1000
2000
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
0
123
4
TIME (ns)
dv/dt
VOUT
Figure 13. ADV3221 Large Signal Rising Slew Rate with 3 pF Load, 2 V p-p
3000
–3000
–2000
–1000
0
1000
2000
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
01234
TIME (ns)
dv/dt
VOUT
Figure 14. ADV3221 Large Signal Falling Slew Rate with 3 pF Load, 2 V p-p
2
–2
–1
0
1
0
5
10
15
20
TIME (ns)
0pF
2pF
4.7pF
10pF
Figure 15. ADV3222 Large Signal Pulse Response vs. Capacitive Load, 2 V p-p
4000
–4000
–2000
–1000
0
1000
3000
–3000
2000
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
0
123
4
TIME (ns)
dv/dt
VOUT
Figure 16. ADV3222 Large Signal Rising Slew Rate with 3 pF Load, 2 V p-p
4000
–4000
–2000
–1000
0
1000
3000
–3000
2000
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
0
123
4
TIME (ns)
dv/dt
VOUT
Figure 17. ADV3222 Large Signal Falling Slew Rate with 3 pF Load, 2 V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com