Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3221ARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV3221ARZ-R7
Description  800 MHz, 4:1 Analog Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3221ARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADV3221ARZ-R7 Datasheet HTML 1Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 2Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 3Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 4Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 5Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 6Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 7Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 8Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
800 MHz, 4:1 Analog Multiplexer
ADV3221/ADV3222
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalog Devices foritsuse,nor for anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Excellent ac performance
−3 dB bandwidth
800 MHz (200 mV p-p)
750 MHz (2 V p-p)
Slew rate: 2400 V/μs
Low power: 75 mW, VS = ±5 V
Excellent video performance
100 MHz, 0.1 dB gain flatness
0.02% differential gain error/0.02° differential phase error
(RL = 150 Ω)
ADV3221 is a pin-for-pin upgrade to the HA4344
Gain = +1 (ADV3221) or gain = +2 (ADV3222)
Low all hostile crosstalk of −85 dB @ 5 MHz, and
−58 dB @ 100 MHz
Latched control lines for synchronous switching
High impedance output disable allows connection of
multiple devices without loading the output bus
16-lead SOIC
APPLICATIONS
Routing of high speed signals including
Video (NTSC, PAL, S, SECAM, YUV, RGB)
Compressed video (MPEG, wavelet)
3-level digital video (HDB3)
Data communications
Telecommunications
FUNCTIONAL BLOCK DIAGRAM
DQ
LATCH
DQ
LATCH
DQ
LATCH
DQ
LATCH
DQ
LATCH
DQ
LATCH
100k
Ω
100k
Ω
A0
A1
CK1
CK2
CS
IN0
IN1
IN2
IN3
G = +1
(G = +2)
OUT
ENABLE
Figure 1.
GENERAL DESCRIPTION
The ADV3221 and ADV3222 are high speed, high slew rate,
buffered 4:1 analog multiplexers. They offer a −3 dB signal
bandwidth greater than 800 MHz and channel switch times
of less than 20 ns with 1% settling. With lower than −58 dB of
crosstalk and −67 dB isolation (at 100 MHz), the ADV3221 and
ADV3222 are useful in many high speed applications. The diffe-
rential gain error of less than 0.02% and differential phase error
of less than 0.02°, together with 0.1 dB gain flatness out to 100 MHz
while driving a 75 Ω back terminated load, make the ADV3221
and ADV3222 ideal for all types of signal switching.
The ADV3221/ADV3222 include an output buffer that can be
placed into a high impedance state. This allows multiple outputs
to be connected together for cascading stages without the off
channels loading the output bus. The ADV3221 has a gain of
+1, and the ADV3222 has a gain of +2; they both operate on ±5 V
supplies while consuming less than 7.5 mA of idle current. The
channel switching is performed via latched control lines, allowing
synchronous updating in a multiple ADV3221/ADV3222 envi-
ronment.
The ADV3221/ADV3222 are offered in a 16-lead SOIC package
and are available over the extended industrial temperature range of
−40°C to +85°C.


Similar Part No. - ADV3221ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
800 MHz, 2:1 Analog Multiplexers
5/2016-Rev. 0 to Rev. A
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
800 MHz, 2:1 Analog Multiplexers
5/2016-Rev. 0 to Rev. A
More results

Similar Description - ADV3221ARZ-R7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
High-Speed 4:1 Analog Multiplexer
logo
Fairchild Semiconductor
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852 Datasheet
384Kb / 16P
DUAL 4 TO 1 CHANNEL ANALOG MULTIPLEXER /DEMULTIPLEXER
logo
Tyco Electronics
ETC4-1-2 MACOM-ETC4-1-2_1 Datasheet
85Kb / 2P
4:1 Step-up Transformer 2.0 - 800 MHz
logo
ELMOS Semiconductor AG
E910.02 ELMOS-E910.02 Datasheet
122Kb / 1P
Analog multiplexer 8:1
logo
Analog Devices
ADV3219 AD-ADV3219 Datasheet
1Mb / 20P
800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3219 AD-ADV3219_16 Datasheet
1Mb / 18P
800 MHz, 2:1 Analog Multiplexers
5/2016-Rev. 0 to Rev. A
logo
Texas Instruments
TMUX1204 TI1-TMUX1204 Datasheet
1Mb / 31P
5-V, 4:1, General Purpose Analog Multiplexer
logo
Maxim Integrated Produc...
MAX4674 MAXIM-MAX4674_V01 Datasheet
601Kb / 13P
3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
19-1708; Rev 3; 12/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com