Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3221ARZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADV3221ARZ-R7
Description  800 MHz, 4:1 Analog Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3221ARZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV3221ARZ-R7 Datasheet HTML 12Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 13Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 14Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 15Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 16Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 17Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 18Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 19Page - Analog Devices ADV3221ARZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADV3221/ADV3222
Rev. 0 | Page 17 of 20
THEORY OF OPERATION
The ADV3221/ADV3222 are dual-supply, high performance
4:1 analog multiplexers, optimized for switching between
multiple video sources. High peak slew rates enable wide
bandwidth operation for large input signals. Internal com-
pensation provides for high phase margin, allowing low
overshoot and fast settling for pulsed inputs. Low enabled
and disabled power consumption make the ADV3221 and
ADV3222 ideal for constructing larger arrays.
The ADV3221/ADV3222 are organized as four input transcon-
ductance stages tied in parallel with a single output transimpedance
stage followed by a unity-gain buffer. Internal voltage feedback
sets the gain. The ADV3221 is configured as a gain of 1, while
the ADV3222 uses a resistive feedback network and ground buffer
to realize gain-of-two operation (see Figure 60).
V+
V–
IN0
V+
V–
IN1
V+
V–
GND
×1
(2 MORE INPUTS)
1k
Ω
1k
Ω
OUT
Figure 60. Conceptual Diagram of ADV3222
When not in use, the output can be placed in a low power, high
impedance disabled mode via the CS logic input. This is useful
when paralleling multiple ADV3221/ADV3222 devices in a
system to create larger switching arrays.
Switching between the inputs is controlled with the A0, A1, and
CS logic inputs, which are latched through two stages of asyn-
chronous latches. CK1 controls the first stage latch, and CK2
controls the second stage latch. The latch state is dependent on
the level of the CK1 and CK2 signals, and it is not edge triggered.
When using multiple ADV3221/ADV3222 devices in a switch
design, this double buffered logic allows the use of the CK2 signal
to simultaneously update all ADV3221/ADV3222 devices in a
system. The A0 and A1 logic inputs select which input is connected
to the output (A1 is the most significant bit, A0 is the least signifi-
cant bit), and the CS logic input determines whether the output
is enabled or disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com