Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2152 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM2152
Description  12-bit, 30MSOS ADC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2152 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM2152 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 7Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Product Preview
WM2152
WOLFSON MICROELECTRONICS LTD
PP Rev 1.1 March 2001
5
Test Conditions:
AVDD = DVDD = 3.3V, fCLK = 30MHz, EXTREF = AGND, Mode=1, TA = TMIN to TMAX, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
External Voltage References
Externally applied VRT
reference range
22.5
V
Externally applied VRB
reference range
1.05
1.3
V
Externally applied differential
reference range (VRT-VRB)
0.75
1.05
V
Reference Input Resistance
(VRT to VRB)
9k
Digital Inputs / Outputs
Input LOW level
VIL
0.2 x VDD
V
Input HIGH level
VIH
0.8 x VDD
V
High level output voltage
VOL
IOH=50
µA
DVDD-0.4
V
Low level output voltage
VOH
IOL=-50
µA0.4
V
High Impedance Output Current
±1
µA
Rise/Fall time
CLOAD=10pF
5.5
ns
Power Supplies
CLKVDD supply current
IAA1
fCLK = 30MHz
3.0
3.3
3.6
mA
AVDD supply current
IAA2
35
mA
DVDD supply current
IDD
10
mA
Total supply current
ITOT
fCLK = 30MHz
48.3
mA
Total supply current in standby
mode
ISB
fCLK = 0MHz
10
µA
Power consumption
fCLK = 30MHz
168
220
mW
Notes
1.
Input amplitudes for all single tone dynamic tests are all -0.5dBFS.
2.
Inputs for two-tone IMD are 4.4MHz and 4.5MHz, each at -7dBFS.
3.
The internal reference voltage is not intended for use driving off-chip.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com