Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2152 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM2152
Description  12-bit, 30MSOS ADC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2152 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM2152 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 7Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Product Preview
WM2152
WOLFSON MICROELECTRONICS LTD
PP Rev 1.1 March 2001
3
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
CONDITION
MIN
MAX
Digital supply voltage, DVDD to DGND
-0.3V
+4.0V
Input clock supply voltage, CLKVDD to CLKGND
-0.3V
+4.0V
Analogue supply voltage, AVDD to AGND
-0.3V
+4.0V
Maximum ground difference between AGND, DGND and CLKGND
-0.3V
+0.3V
Voltage range digital inputs
DGND - 0.3V
DVDD + 0.3V
Voltage range analogue inputs
AGND - 0.3V
AVDD + 0.3V
Voltage range CLK input
CLKGND - 0.3V
CLKVDD + 0.3V
Operating junction temperature range, TJ
-40
°C
+150
°C
Storage temperature
-65
°C
+150
°C
Lead temperature (1.6mm from package body for 10 seconds)
+300
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com