Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2152 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM2152
Description  12-bit, 30MSOS ADC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2152 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM2152 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 7Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
WM2152
Product Preview
WOLFSON MICROELECTRONICS LTD
PP Rev 1.1 March 2001
4
ELECTRICAL CHARACTERISTICS
Test Conditions:
AVDD = DVDD = 3.3V, fCLK = 30MHz, EXTREF = AGND, Mode=1, TA = TMIN to TMAX, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Characteristics
Resolution
12
bits
Integral Nonlinearity
INL
All modes
-2.5
±1.2
+2
LSB
Differential Nonlinearity
DNL
All modes
±0.4
±1LSB
Missing Codes
All modes
No missing codes guaranteed
Offset Error
All modes
0.5
1.2
%FSR
Gain Error
All modes
0.5
3.5
%FSR
Dynamic Performance (Note 1)
fIN =3.58MHz
10.9
bits
fIN =10MHz
10.6
10.9
bits
Effective number of bits
ENOB
fIN =15MHz
10.8
bits
fIN =3.58MHz
-76
dB
fIN =10MHz
-74
-65
dB
Total harmonic distortion
THD
fIN =15MHz
-72.5
dB
fIN =3.58MHz
68
dB
fIN =10MHz
66
68
dB
SNR
fIN =15MHz
67.7
dB
fIN =3.58MHz
67.4
dB
fIN =10MHz
65.6
67.4
dB
Signal to noise and distortion
ratio
SINAD
fIN =15MHz
66.6
dB
fIN =3.58MHz
78.1
dB
fIN =10MHz
67
76.4
dB
Spurious free dynamic range
SFDR
fIN =15MHz
74.6
dB
Differential phase
DP
0.12
deg
Differential gain
DG
0.01
%
Analogue Input Signal to (VINP – VINM)
Mode=1, VREF = 1V
-0.5
0.5
V
Mode=2, VREF = 1V
-1
1
V
Input Span
Mode=3, VREF = 1V
0
1
V
Input (VINP or VINM) range
All modes
0
AVDD
V
Input capacitance
CIN
All modes
6
pF
Analogue input bandwidth
180
MHz
Power supply rejection ratio
PSRR
54
dB
Conversion Characteristics
Conversion frequency
fCLK
530
MHz
Pipeline delay
5
cycles of
CLK
Aperture delay
tA
2.0
ns
Aperture jitter
2.0
ps rms
Internal Voltage References (Note 3)
Upper reference voltage
VRT
2.15
V
Lower reference voltage
VRB
1.15
V
Differential reference voltage
(VRT-VRB)
VREF
0.95
1
1.05
V
Differential reference voltage
(VRT-VRB) accuracy
-5
+5
%
Power up time of references
from standby
tPU
100
µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com