Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2152 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM2152
Description  12-bit, 30MSOS ADC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2152 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM2152 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 7Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
WM2152
Product Preview
WOLFSON MICROELECTRONICS LTD
PP Rev 1.1 March 2001
2
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
XWM2152CDT
0 to +70
oC
28-pin TSSOP
XWM2152IDT
-40 to +85
oC
28-pin TSSOP
16
15
14
20
19
18
17
5
6
7
1
2
3
4
13
12
11
8
9
10
CON0
D10
D7
AGND
CON1
D4
D0
D1
D3
D2
OEB
AVDD
CLK
OVRNG
D5
VINP
VINM
EXTREF
VRB
DGND
VRT
AVDD
DVDD
AGND
21
22
23
24
25
26
27
28
D11
D9
D6
D8
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
AGND
Supply
Analogue Ground (for Timing Circuitry)
2
CON1
Digital Input
Mode control pin 1
3
CON0
Digital Input
Mode control pin 0
4
EXTREF
Digital Input
Reference select pin
5
VINP
Analogue Input
Positive analogue input
6
VINM
Analogue Input
Negative analogue input
7
AGND
Supply
Analogue ground
8
AVDD
Supply
Analogue power supply
9
VRT
Analogue I/O
Upper ADC reference voltage
10
VRB
Analogue I/O
Lower ADC reference voltage
11
OVRNG
Digital Output
Out of range indicator
12
D11
Digital Output
Data output bit 11 (MSB)
13
D10
Digital Output
Data output bit 10
14
D9
Digital Output
Data output bit 9
15
D8
Digital Output
Data output bit 8
16
D7
Digital Output
Data output bit 7
17
D6
Digital Output
Data output bit 6
18
D5
Digital Output
Data output bit 5
19
DGND
Supply
Digital ground
20
DVDD
Supply
Digital power supply
21
D4
Digital Output
Data output bit 4
22
D3
Digital Output
Data output bit 3
23
D2
Digital Output
Data output bit 2
24
D1
Digital Output
Data output bit 1
25
D0
Digital Output
Data output bit 0 (LSB)
26
OEB
Digital Input
Output enable (low = enable, high = disable)
27
AVDD
Supply
Analogue Power Supply (for Timing Circuitry)
28
CLK
Digital Input
ADC conversion clock



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com