Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2613 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM2613
Description  Byte-wide Parallel Input, 12-bit Voltage Output DAC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2613 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM2613 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 11Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Production Data
WM2613
WOLFSON MICROELECTRONICS LTD
Production Data Rev 1.0 June 1999
9
PARALLEL INTERFACE
The device latches data on the positive edge of NWE. It must be enabled with NCS low. Whether the
data is written to one of the DAC holding latches (MSW, LSW) or the control register, depends on the
address bits A1 and A0. NLDAC low updates the DAC with the value in the holding latch, see Figure 7.
NLDAC is an asynchronous input and can be held low, if a synchronous update is not necessary.
Alternatively, the RLDAC bit of the control register can be used to synchonously update the DAC latch via
software control, see Figure 8.
D[0-7]
A[0-1]
NCS
NWE
NLDAC
X
MSW
LSW
X
X
0
1
X
X
Figure 7 Example of a Complete Write Cycle Using NLDAC to Update the DAC
D[0-7]
A[0-1]
NCS
NWE
NLDAC
X
MSW
LSW
X
0
1
X
Control
X
X
X
3
X
X
Figure 8 Example of a Complete Write Cycle Using the Control Word to Update the DAC. If NLDAC is held low as shown
in Figure 8, latch will be transparent. This assumes that the RLDAC control register bit is low at the start and is written high on
the final write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com