Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2613 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM2613
Description  Byte-wide Parallel Input, 12-bit Voltage Output DAC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2613 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM2613 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
WM2613
Production Data Rev 1.0
WOLFSON MICROELECTRONICS LTD
Production Data Rev 1.0 June 1999
4
ELECTRICAL CHARACTERISTICS
Test Conditions:
RL = 10k
Ω, C
L = 100pF. AVDD = DVDD = 5V
±± 10%, V
REF = 2.048V and AVDD = DVDD = 3V
±± 10%, V
REF = 1.024V over
recommended operating free-air temperature range (unless noted otherwise)
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Static DAC Specifications
Resolution
12
bits
Integral non-linearity
INL
See Note 1
±±1.5
±±4
LSB
Differential non-linearity
DNL
See Note 2
±±0.4
±±1
LSB
Zero code error
ZCE
See Note 3
3
±±20
mV
Gain error
GE
See Note 4
±±0.25
±±0.5
% FSR
D.c power supply rejection ratio
d.c. PSRR
See Note 5
0.5
mV/V
Zero code error temperature
coefficient
See Note 6
3
ppm/
°C
Gain error temperature coefficient
See Note 6
1
ppm/
°C
DAC Output Specifications
Output voltage range
0
AVDD - 0.4
V
Output load regulation
2k
Ω to 10kΩ load. See Note 7
0.1
0.3
%
Power Supplies
Active supply current
IDD
No load, VIH = DVDD, VIL = 0V
AVDD = DVDD = 5V,
VREF = 2.048V See Note 8
Slow
Fast
AVDD = DVDD = 3V,
VREF = 1.024V
Slow
Fast
0.5
1.6
0.4
1.4
1.3
3.0
1.1
2.7
mA
mA
mA
mA
Power down supply current
No load, all digital inputs 0V
or DVDD. See Note 9
0.01
10
µA
Dynamic DAC Specifications
Slew rate
DAC code 128 to 4095,
10%-90% See Note 10
Slow
Fast
1.5
8
V/
µs
V/
µs
Settling time
DAC code 128 to 4095
Slow
Fast
3.5
1.0
µs
µs
Glitch energy
Code 2047 to code 2048
1
nV-s
Signal to noise ratio
SNR
fS = 480ksps,
fOUT = 1kHz BW = 20kHz,
TA = 25
°C See Note 12
65
78
dB
Signal to noise and distortion ratio
SNRD
fS = 480ksps,
fOUT = 1kHz BW = 20kHz,
TA = 25
°C See Note 12
58
69
dB
Total harmonic distortion
THD
fS = 480ksps,
fOUT = 1kHz BW = 20kHz,
TA = 25
°C See Note 12
-68
-60
dB
Spurious free dynamic range
SPFDR
fS = 480ksps,
fOUT = 1kHz BW = 20kHz, TA =
25
°C See Note 12
60
72
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com