Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2613 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM2613
Description  Byte-wide Parallel Input, 12-bit Voltage Output DAC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2613 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM2613 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 11Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
WM2613
Production Data Rev 1.0
WOLFSON MICROELECTRONICS LTD
Production Data Rev 1.0 June 1999
10
SOFTWARE CONFIGURATION OPTIONS
DATA FORMAT
The WM2613 writes data either to one of the DAC holding latches or to the control register depending on
the address bits A1 and A0.
A1
A0
REGISTER
0
0
DAC LSW holding
0
1
DAC MSW holding
1
0
Reserved
1
1
Control
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
RLDAC
PWR
SPD
Table 2 Register Map
PROGRAMMABLE SETTLING TIME
Settling time is a software selectable 3.5
µs or 1µs, typical to within ±0.5LSB of final value. This is
controlled by the value of SPD – Bit D12. A ONE defines a settling time of 1
µs, a ZERO defines a settling
time of 3.5
µs.
PIN
BIT
SPD
SPD
MODE
0
0
Slow
0
1
Fast
1
0
Fast
1
1
Fast
Table 3 Programmable Settling Time
PROGRAMMABLE POWER DOWN
The power down function can be controlled by PWR. A ZERO configures the device as active, or fully
powered up, a ONE configures the device into power down mode. When the power down function is
released the device reverts to the DAC code set prior to power down.
PIN
BIT
NPD
PWR
POWER
0
0
Down
0
1
Down
1
0
Normal
1
1
Down
Table 4 Programmable Power Down
LOAD DAC LATCH
Bit RLDAC controls the function of the DAC latch. A ONE configures the DAC latch as transparent. A
ZERO configures the DAC latch to be controlled by pin NLDAC.
PIN
BIT
NLDAC
RLDAC
LATCH
0
0
Transparent
0
1
Transparent
1
0
Hold
1
1
Transparent
Table 5 Load DAC Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com