Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2613 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM2613
Description  Byte-wide Parallel Input, 12-bit Voltage Output DAC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2613 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM2613 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
WM2613
Byte-wide Parallel Input, 12-bit Voltage Output DAC
Production Data, June 1999, Rev 1.0
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
http://www.wolfson.co.uk
Production Data Datasheets contain final
specifications current on publication date.
Supply of products conforms to Wolfson
Microelectronics’ Terms and conditions.
Master rev 1.0.doc June 17, 1999 14:12
©1999 Wolfson Microelectronics Ltd
.
FEATURES
•
Dual 12-bit voltage output DAC
•
Dual supply 2.7V to 5.5V operation
•
DNL
±±0.4 LSB, INL ±±1.5 LSB
•
Programmable settling time 1
µµs or 3µµs typical
•
8-bit micro controller compatible interface
•
Power down mode (10nA)
APPLICATIONS
•
Battery powered test instruments
•
Digital offset and gain adjustment
•
Battery operated/remote industrial controls
•
Machine and motion control devices
•
Wireless telephone and communication systems
•
Speech synthesis
•
Arbitrary waveform generation
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
WM2613CDT
0
° to 70°C
20-pin TSSOP
WM2613IDT
-40
° to 85°C
20-pin TSSOP
DESCRIPTION
The WM2613 is a 12-bit voltage output, resistor string, digital-to-
analogue converter. The DAC can be powered down under
software or hardware control, reducing power consumption to
10nA.
The device has an 8-bit microcontroller compatible parallel
interface. The eight data LSBs, the four data MSBs, and the three
control bits are written using three different addresses.
Excellent performance is delivered with a typical DNL of 0.4 LSBs.
The output stage is buffered by a x2 gain near rail-to-rail amplifier,
which features a Class A output stage (slow mode, class AB). The
settling time of the DAC is software programmable to allow the
designer to optimize speed versus power dissipation.
The device is available in a 20-pin TSSOP package. Commercial
temperature (0° to 70°C) and Industrial temperature (-40° to 85°C)
variants are supported.
BLOCK DIAGRAM
TYPICAL PERFORMANCE
(13) OUT
3-BIT
CONTROL
LATCH
REFIN(12)
POWER-ON
RESET
NWE (17)
(14)
GND
DVDD
(10)
REFERENCE
INPUT BUFFER
WM2613
DAC
OUTPUT
BUFFER
NCS (18)
A[0-1] (8,7)
D[0-7]
(19,20, 1-6)
4-BIT DAC
MSW
HOLDING
LATCH
8-BIT DAC
LSW
HOLDING
LATCH
X1
POWERDOWN/
SPEED
CONTROL
X2
(16)
NLDAC
AVDD
(11)
PARALLEL
INTERFACE
AND
CONTROL
LOGIC
SPD (9)
NPD (15)
12-BIT DAC
LATCH
AVDD = DVDD = 5V, V
REF = 2.048V, Speed = Fast mode, Load = 10k/100pF
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2559
3071
3583
4095
DIGITAL CODE


Similar Part No. - WM2613

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2610 WOLFSON-WM2610 Datasheet
159Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2610CDT WOLFSON-WM2610CDT Datasheet
159Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2610IDT WOLFSON-WM2610IDT Datasheet
159Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
Quad 12-bit Serial Input Voltage Output DAC
WM2614CDT WOLFSON-WM2614CDT Datasheet
155Kb / 10P
Quad 12-bit Serial Input Voltage Output DAC
More results

Similar Description - WM2613

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
12-bit Serial Input Voltage Output DAC
WM2619 WOLFSON-WM2619 Datasheet
124Kb / 9P
12-bit Parallel Input Voltage Output DAC
WM2633 WOLFSON-WM2633 Datasheet
389Kb / 12P
Byte-wide Parallel Input, 12-bit Voltage Output DAC with Internal Reference
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
12-Bit Parallel Input Voltage Output DAC with Internal Reference
logo
Maxim Integrated Produc...
MAX530 MAXIM-MAX530 Datasheet
140Kb / 16P
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC
Rev 3; 7/95
logo
Analog Devices
AD7841 AD-AD7841 Datasheet
167Kb / 12P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD5725 AD-AD5725_15 Datasheet
493Kb / 20P
Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC
REV. C
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com