Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8141CFT/V Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8141CFT/V
Description  12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8141CFT/V Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8141CFT/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
WM8141
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.0 October 2000
16
CONTROL INTERFACE
The internal control registers are programmable via the serial or parallel digital control interface. The
register contents can also be read back via the parallel interface on OP[11:4], or via the serial
interface on pin OP[11]/SDO.
SERIAL INTERFACE: REGISTER WRITE
Figure 12 shows register writing in serial mode. Three pins, SCK, SDI and SEN are used. A six-bit
address (a5, 0, a3, a2, a1, a0) is clocked in through SDI, MSB first, followed by an eight-bit data
word (b7, b6, b5, b4, b3, b2, b1, b0), also MSB first. Each bit is latched on the rising edge of SCK.
When the data has been shifted into the device, a pulse is applied to SEN to transfer the data to the
appropriate internal register. Note all valid registers have address bit a4 equal to 0 in write mode.
SCK
SEN
SDI
a5
0
a3a2a1a0b7b6b5b4b3b2b1b0
Address
Data Word
Figure 12 Serial Interface Register Write
SERIAL INTERFACE: REGISTER READ-BACK
Figure 13 shows register read-back in serial mode. Read-back is initiated by writing to the serial bus
as described above but with address bit a4 set to 1, followed by an 8-bit dummy data word. Writing
address (a5, 1, a3, a2, a1, a0) will cause the contents (d7, d6, d5, d4, d3, d2, d1, d0) of
corresponding register (a5, 0, a3, a2, a1, a0) to be output MSB first on pin SDO (on the falling edge
of SCK). Note that pin SDO is shared with an output pin, OP[11], therefore OEB should always be
held low when register read-back data is expected on this pin. The next word may be read in to SDI
while the previous word is still being output on SDO.
SCK
SEN
SDI
a5
1
a3 a2 a1 a0
xxxxx
xx
x
Address
Data Word
d7 d6 d5 d4 d3 d2 d1 d0
Output Data Word
SDO/
OP[11]
OEB
Figure 13 Serial Interface Register Read-back
PARALLEL INTERFACE: REGISTER WRITE
Figure 13 shows register write in parallel mode. The parallel interface uses bits OP[11:4] of the
output bus and the STB, DNA and RNW pins. Pin RNW must be low during a write operation. The
DNA pin defines whether the data byte is address (low) or data (high). The 6-bit address (a5, 0, a3,
a2, a1, a0) is input into OP[9:4], LSB into OP[4], (OP[10] and OP[11] are ignored) when DNA is low,
then the 8-bit data word is input into OP[11:4], LSB into OP[4], when DNA is high. The data bus
OP[11:4] for both address and data is clocked in on the falling edge of STB. Note all valid registers
have address bit a4 equal to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com