Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8141CFT/V Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8141CFT/V
Description  12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8141CFT/V Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8141CFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
WM8141
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.0 October 2000
26
APPLICATIONS RECOMMENDATIONS
INTRODUCTION
The WM8141 is a mixed signal device, therefore careful PCB layout is required. The following
section contains PCB layout guidelines, which are recommended for optimal performance from the
WM8141, and some typical applications circuits.
PCB LAYOUT
1)
Use separate analogue and digital power and ground planes. The analogue and digital ground
planes should be connected as close as possible to, or underneath, the WM8141.
2)
Place all supply decoupling capacitors as close as possible to their respective supply pins and
provide a low impedance path from the capacitors to the appropriate ground.
3)
Avoid noise on AGND, pin 13.
4)
Avoid noise on reference pins VRT, VRB and VRX. Place the decoupling capacitors as close
as possible to these pins and provide a low impedance path from the capacitors to analogue
ground.
5)
Input signals should be screened from each other and from other sources of noise to avoid
cross- talk and interference.
6)
Minimise load capacitance on digital outputs. Capacitive loads of greater than 20pF will
degrade performance. Use buffers if necessary and keep tracks short.
TYPICAL APPLICATIONS DIAGRAMS
The WM8141 is intended to be used in three types of architecture.
•
Monochrome
•
Colour Pixel-By-Pixel
•
Colour Line-By-Line
Each of these architectures is outlined in this section.
The output from a CCD sensor usually has a high impedance and must therefore be buffered
as close to the sensor as possible. The sensor manufacturers’ datasheets specify the buffer circuit
to use.
Initially, the designer must decide if CDS and RLC are to be used. The WM8141 supports both of
these functions and Wolfson recommend using both CDS and pixel-by-pixel RLC for optimal
performance. In this case a low value a.c. coupling capacitor is required between the sensor and the
WM8141. Experiments have shown that a 100pF capacitor is the optimum value to use, however this
may vary for particular applications depending on speed of operation and PCB layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com