Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8141CFT/V Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8141CFT/V
Description  12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8141CFT/V Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8141CFT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
WM8141
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.0 October 2000
18
MCLK
VSMP
(VDEL = 000) INTVSMP
POSNNEG = 1
(VDEL = 001) INTVSMP
(VDEL = 010) INTVSMP
(VDEL = 011) INTVSMP
(VDEL = 100) INTVSMP
(VDEL = 101) INTVSMP
(VDEL = 110) INTVSMP
(VDEL = 111) INTVSMP
POSNNEG = 0
(VDEL = 000) INTVSMP
(VDEL = 001) INTVSMP
(VDEL = 010) INTVSMP
(VDEL = 011) INTVSMP
(VDEL = 100) INTVSMP
(VDEL = 101) INTVSMP
(VDEL = 110) INTVSMP
(VDEL = 111) INTVSMP
INPUT
PINS
Figure 16 Internal VSMP Pulses Generated by Programmable VSMP Detect Circuit
REFERENCES
The ADC reference voltages are derived from an internal bandgap reference, and buffered to pins
VRT and VRB, where they must be decoupled to ground. Pin VRX is driven by a similar buffer, and
also requires decoupling. The output buffer from the RLCDAC also requires decoupling at pin
VRLC/VBIAS
POWER SUPPLY
The WM8141 can run off either 3.3V or 5V single supplies or from split 5V (core) and 3.3V (digital
interface) supplies.
POWER MANAGEMENT
Power management for the device is performed via the Control Interface. The device can be powered
on or off completely by the EN bit. Alternatively, when control bit SELPD is high, only blocks selected
by further control bits (SELDIS[3:0]) are powered down. This allows the user to optimise power
dissipation in certain modes, or to define an intermediate standby mode to allow a quicker recovery
into a fully active state. In Line-by-line operation, the green and blue channel PGAs are automatically
powered down.
All the internal registers maintain their previously programmed value in power down modes and the
Control Interface inputs remain active. Table 3 summarises the power down control bit functions.
EN
SELDPD
00
Device completely powers down.
10
Device completely powers up.
X1
Blocks with respective SELDIS[3:0] bit high are disabled.
Table 3 Power Down Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com