Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8141CFT/V Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8141CFT/V
Description  12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8141CFT/V Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8141CFT/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8141CFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Production Data
WM8141
WOLFSON MICROELECTRONICS LTD
PD Rev 3.0 October 2000
17
STB
DNA
RNW
OP[11:4]
Address
Data
Hi-Z
Hi-Z
Driven by WM8141
Driven Externally
Normal Output Data
Driven by WM8141
Normal Output Data
Figure 14 Parallel Interface Register Write
PARALLEL INTERFACE: REGISTER READ-BACK
Figure 15 shows register read-back in parallel mode. Read-back is initiated by writing the 6-bit
address (a5, 1, a3, a2, a1, a0) into OP[9:4] by pulsing the STB pin low. Note that a4 = 1 and pins
RNW and DNA are low. When RNW and DNA are high and STB is strobed again, the contents (d7,
d6, d5, d4, d3, d2, d1, d0) of the corresponding register (a5, 0, a3, a2, a1, a0) will be output on
OP[11:4], LSB on pin OP[4]. Until STB is pulsed low, the current contents of the ADC (shown as
Normal Output Data) will be present on OP[11:4]. Note that the register data becomes available on
the output data pins so OEB should be held low when read-back data is expected.
STB
DNA
RNW
OP[11:4]
Address
Hi-Z
Driven by WM8141
Driven Externally
Hi-Z
Normal Output Data
Read Data
Driven by WM8141
Normal Output Data
Figure 15 Parallel Interface Register Read-back
TIMING REQUIREMENTS
To use this device a master clock (MCLK) of up to 12MHz and a per-pixel synchronisation clock
(VSMP) of up to 6MHz are required. These clocks drive a timing control block, which produces
internal signals to control the sampling of the video signal. MCLK to VSMP ratios and maximum
sample rates for the various modes are shown in Table 5.
PROGRAMMABLE VSMP DETECT CIRCUIT
The VSMP input is used to determine the sampling point and frequency of the WM8141. Under
normal operation a pulse of 1 MCLK period should be applied to VSMP at the desired sampling
frequency (as shown in the mode timing diagrams) and the input sample will be taken on the first
rising MCLK edge after VSMP has gone low. However, in certain applications such a signal may not
be readily available. The programmable VSMP detect circuit in the WM8141 allows the sampling
point to be derived from any signal of the correct frequency, such as a CCD shift register clock, when
applied to the VSMP pin.
When enabled, by setting the VSMPDET control bit, the circuit detects either a rising or falling edge
(determined by POSNNEG control bit) on the VSMP input pin and generates an internal VSMP pulse.
This pulse can optionally be delayed by a number of MCLK periods, specified by the VDEL[2:0] bits.
Figure 16 shows the internal VSMP pulses that can be generated by this circuit for a typical clock
input signal. The internal VSMP pulse is then applied to the timing control block in place of the
normal VSMP pulse provided from the input pin. The sampling point then occurs on the first rising
MCLK edge after this internal VSMP pulse, as shown in the mode timing diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com