Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8733 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8733
Description  102dB Stereo DAC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8733 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8733 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Product Preview
WM8733
WOLFSON MICROELECTRONICS LTD
PP Rev 1.3 July 2000
5
DEVICE DESCRIPTION
INTRODUCTION
WM8733 is a complete high performance stereo audio 18-bit digital-to-analogue converter, including
digital interpolation filter, multibit sigma-delta with dither, and switched capacitor multibit stereo DAC
and output smoothing filters.
Special functions of soft mute and de-emphasis are provided, and operation using system clock of
256fs, or 384fs or 512fs is provided, selection between either clock rate being automatically
controlled. Sample rates (fs) from less than 8ks/s to 96ks/s are allowed, provided the appropriate
system clock is input.
An auto mute function is provided which is enabled if MUTE (pin 10) is left at high impedance. If 64
successive left and right channel data samples of value 0 are received, auto mute is achieved. This
signal is wire ORed to MUTE (pin 10) via 10K resistor. If MUTE (pin 10) internally is not externally
driven, the internal auto mute state is visible on this pin as a weak drive strength signal (10k
Ω
source).
MUTE
DESCRIPTION
0
Z
1
Soft mute is OFF
Auto mute is enabled
Soft mute is ON
Table 1 Soft Mute Control
A novel multi bit sigma-delta DAC design is used, utilising a 64x oversampling rate, to optimise
signal to noise performance and offer increased clock jitter tolerance.
Internally generated midrail references are used to DC bias output signals, requiring only a single
external capacitor for decoupling purposes.
The device is packaged in a small 14-pin SOIC package, offering pin compatibility with Burr Brown
PCM1733, but with added functionality of a soft mute input pin, which may be left floating to enable
auto mute detection, or held ‘low’ leaving the device operational.
Single 3V to 5V supplies may be used, the output amplitude scaling with absolute supply level. Low
supply voltage operation and low current consumption, and the low pin count small package, make
the WM8733 attractive for many consumer type applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com