Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8733 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8733
Description  102dB Stereo DAC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8733 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8733 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
WM8733
102dB Stereo DAC
Product Preview, July 2000, Rev 1.3
WOLFSON MICROELECTRONICS LTD.
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
http://www.wolfson.co.uk
Product Preview data sheets contain
specifications for products in the formative
phase of development. These products may
be changed or discontinued without notice.
2000 Wolfson Microelectronics Ltd
.
DESCRIPTION
WM8733 is a high performance stereo DAC designed for use in
portable audio equipment, video CD players and similar
applications. It comprises selectable normal or I
2S compatible
serial data interfaces for 16 to 24-bit inputs, high performance
digital filters, and sigma-delta output DACs, achieving an 102dB
signal-to-noise ratio.
The device is available in a 14-pin SOIC package that offers
selectable mute and de-emphasis functions using a minimum of
external components.
Low supply voltage operation and low current consumption are
valuable features, particularly for use in portable equipment.
Additional modes consist of a powerdown option and the
possibility of generating separate differential left and right
outputs for applications demanding higher performance.
FEATURES
• High tolerance to clock jitter
• Compatible with PCM1733
• Distortion > 90dB, SNR > 102dB, dynamic range
performance > 100dB
• Stereo DAC with input sampling from 8kHz to 96kHz
• Additional mute feature and high performance
differential modes
• Normal or I2S compatible data format
• Sigma-delta design with 64x oversampling
• System clock 256fs or 384fs or 512fs
• Supply range 3V to 5V
• Analogue voltage output to drive 2kΩ load
• 14-pin SOIC package
APPLICATIONS
• High performance consumer audio
BLOCK DIAGRAM
(5)
CAP
DIGITAL
SIGMA-DELTA
MODULATOR
DIGITAL
SIGMA-DELTA
MODULATOR
LRCIN (1)
DIGITAL
GND
DIGITAL
VDD
SEL[1] (11)
INFINITE
ZERO
DETECT
10k
Wired
OR
SEL[0]
0
0
1
1
SEL[1]
0
1
0
1
MODE
Normal stereo
Power down
Left only differential output
Right only differential output
SEL[0] (4)
SERIAL
INTERFACE
DIGITAL
FILTERS
(12)
DEEMPH
(10)
MUTE
SWITCHED
CAPACITOR
DAC
SWITCHED
CAPACITOR
DAC
(8)
VDD
(7)
GND
(9) VOUTL
(6) VOUTR
BCKIN (3)
FORMAT (13)
SCKI (14)
DIN (2)
WM8733


Similar Part No. - WM8733

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8731 WOLFSON-WM8731 Datasheet
128Kb / 2P
portable digital audio solutions
WM8731 WOLFSON-WM8731 Datasheet
595Kb / 56P
Portable Internet Audion CODEC with Headphone Driver and Programmable Sample Rates
WM8731 WOLFSON-WM8731 Datasheet
762Kb / 63P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731CLSEFL WOLFSON-WM8731CLSEFL Datasheet
786Kb / 65P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731CLSEFL/R WOLFSON-WM8731CLSEFL/R Datasheet
786Kb / 65P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
More results

Similar Description - WM8733

ManufacturerPart #DatasheetDescription
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
DAC 3550A STEREO AUDIO DAC
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
Stereo Audio DAC
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
stereo DAC
MS6310 ETC-MS6310 Datasheet
88Kb / 6P
Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
Stereo Audio DAC
MS6313 MOSA-MS6313 Datasheet
245Kb / 7P
Stereo Audio DAC
logo
Wolfson Microelectronic...
WM8725 WOLFSON-WM8725_04 Datasheet
142Kb / 12P
99dB Stereo DAC
logo
Texas Instruments
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
Audio Stereo DAC
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
Audio Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com