Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8733 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM8733
Description  102dB Stereo DAC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8733 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM8733 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
WM8733
Product Preview
WOLFSON MICROELECTRONICS LTD
PP Rev 1.3 July 2000
2
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
XWM8733ED
-25 to +85
oC
14-pin SOIC
PIN CONFIGURATION
10
9
8
14
13
12
11
WM8733
5
6
7
1
2
3
4
VDD
VOUTL
MUTE
SEL1
DEEMPH
SCKI
FORMAT
GND
VOUTR
CAP
SEL0
BCKIN
LRCIN
DIN
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating
at or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
CONDITION
MIN
MAX
Supply voltage
-0.3V
+7.0V
Reference input
VDD+0.3V
Operating temperature range, TA
-25
o
C+85
o
C
Storage temperature
-65
o
C
+150
o
C
Lead temperature (soldering, 10 seconds)
+260
o
C
Lead temperature (soldering, 2 minutes)
+183
o
C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply range
VDD
-10%
3.0 to 5.0
+10%
V
Ground
GND
0
V
Supply current
VDD = 5V
15
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com