Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8733 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8733
Description  102dB Stereo DAC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8733 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8733 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8733 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
WM8733
Product Preview
WOLFSON MICROELECTRONICS LTD
PP Rev 1.3 July 2000
6
DAC CIRCUITS
The WM8733 DACs are designed to allow playback of 18-bit PCM audio or similar data with high
resolution and low noise and distortion. Sample rates up to 96ks/s may be used, with much lower
sample rates acceptable provided that the ratio of sample rate (LRCIN) to system clock is maintained
at the required 256fs, or 384fs or 512fs times.
The DACs on WM8733 are implemented using sigma-delta oversampled conversion techniques.
These require that the PCM samples are digitally filtered and interpolated to generate a set of
samples at a much higher rate than the input rate. This sample stream is then digitally modulated to
generate a digital pulse stream that is then converted to analogue signals in a switched capacitor
DAC. The advantage of this technique is that the DAC is linearised using noise shaping techniques,
allowing the 16-bit resolution to be met using non-critical analogue components. A further advantage
is that the high sample rate at the DAC output means that smoothing filters on the output of the DAC
need only have fairly crude characteristics in order to remove the characteristic steps, or images, on
the output of the DAC. In order to ensure that generation of tones characteristic to sigma-delta
convertors is not a problem, dithering is used in the digital modulator, and a higher order modulator is
used. The switched capacitor technique used in the DAC reduces sensitivity to clock jitter compared
to switched current techniques used in other implementations.
De-emphasis of 44.1kHz signals may be applied if required.
DEEMPH
DESCRIPTION
0
De-emphasis is OFF
1
De-emphasis is ON
(44.1kHz only)
Table 2 De-emphasis Control
The voltage on the CAP pin is used as the reference for the DACs, therefore the amplitude of the
signals at the DAC outputs will scale with the amplitude of the voltage at the CAP. An external
reference could be used to drive in on the CAP pin if desired, but a value typically of about midrail
should be used for optimum performance.
The outputs of the 2 DACs are buffered out of the device by buffer amplifiers. These amplifiers will
source load current of several mA and sink current up to 1.5mA, so allowing significant loads to be
driven. The output source is active, the sink is Class A, i.e. fixed value, so greater loads might be
driven if an external ‘pull-down’ resistor is connected at the output.
Typically an external low pass filter circuit will be used to remove residual sampling noise of the 64x
oversampling used and if desired adjust the signal amplitude and device strength.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com