Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 10Page - Cirrus Logic CS43L22 Datasheet HTML 11Page - Cirrus Logic CS43L22 Datasheet HTML 12Page - Cirrus Logic CS43L22 Datasheet HTML 13Page - Cirrus Logic CS43L22 Datasheet HTML 14Page - Cirrus Logic CS43L22 Datasheet HTML 15Page - Cirrus Logic CS43L22 Datasheet HTML 16Page - Cirrus Logic CS43L22 Datasheet HTML 17Page - Cirrus Logic CS43L22 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
14
DS792F2
CS43L22
Confidential Draft
3/4/10
6.
The PWM driver should be used in captive speaker systems only.
7.
Optimal PWM performance is achieved when MCLK > 12 MHz.
HEADPHONE OUTPUT POWER CHARACTERISTICS
Test conditions (unless otherwise specified): Input test signal is a full-scale 997 Hz sine wave; Sample Frequency = 48 kHz;
Measurement Bandwidth is 20 Hz to 20 kHz; Test load RL = 16 Ω, CL = 10 pF (see Figure 2); “Required Initialization Settings”
on page 32 written on power up.
8.
VHP settings lower than VA reduces the headroom of the headphone amplifier. As a result, the DAC
may not achieve the full THD+N performance at full-scale output voltage and power.
MOSFET On Resistance
RDS(ON)
VP = 2.5V, Id = 0.5 A
-
760
-
m
Ω
Efficiency
η
VP = 5.0 V, PO = 2 x 0.8 W, RL =
8
Ω
-81
-
%
Output Operating Peak Current
IPC
--
1.5
A
VP Input Current During Reset
IVP
RESET, pin 32, is held low
-0.8
5.0
µA
Parameters
VA = 2.5V
Min
Typ
Max
VA = 1.8V
Min
Typ
Max
Unit
AOUTx Power Into RL = 16 Ω
HP_GAIN[2:0]
Analog
Gain (G)
VHP
000
0.3959
1.8 V
-
14
-
-
7
-
mWrms
2.5 V
-
14
-
-
7
-
mWrms
001
0.4571
1.8 V
-
19
-
-
10
-
mWrms
2.5 V
-
19
-
-
10
-
mWrms
010
0.5111
1.8 V
-
23
-
-
12
-
mWrms
2.5 V
-
23
-
-
12
-
mWrms
011 (default)
0.6047
1.8 V
(Note 8)
-
17
-
mWrms
2.5 V
-
32
-
-
17
-
mWrms
100
0.7099
1.8 V
(Note 8)
-
23
-
mWrms
2.5 V
-
44
-
-
23
-
mWrms
101
0.8399
1.8 V
(Note 4) See Figure 18 on
page 59
mWrms
2.5 V
-
32
-
mWrms
110
1.0000
1.8 V
(Note 4, 8) See Figures 18 and 19 on page 59
mWrms
2.5 V
mWrms
111
1.1430
1.8 V
mWrms
2.5 V
mWrms
Parameters (Note 7)
Symbol
Conditions
Min
Typ
Max
Units
AOUTx
AGND
R
L
C
L
0.022
μF
51
Ω
Figure 2. Headphone Output Test Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com