Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 32Page - Cirrus Logic CS43L22 Datasheet HTML 33Page - Cirrus Logic CS43L22 Datasheet HTML 34Page - Cirrus Logic CS43L22 Datasheet HTML 35Page - Cirrus Logic CS43L22 Datasheet HTML 36Page - Cirrus Logic CS43L22 Datasheet HTML 37Page - Cirrus Logic CS43L22 Datasheet HTML 38Page - Cirrus Logic CS43L22 Datasheet HTML 39Page - Cirrus Logic CS43L22 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
36
DS792F2
CS43L22
Confidential Draft
3/4/10
20h Master A Vol
MSTAVOL7
MSTAVOL6
MSTAVOL5
MSTAVOL4
MSTAVOL3
MSTAVOL2
MSTAVOL1
MSTAVOL0
p51
00
0
0
0
0
0
0
21h Master B Vol
MSTBVOL7
MSTBVOL6
MSTBVOL5
MSTBVOL4
MSTBVOL3
MSTBVOL2
MSTBVOL1
MSTBVOL0
p51
00
0
0
0
0
0
0
22h Headphone A
Volume
HPAVOL7
HPAVOL6
HPAVOL5
HPAVOL4
HPAVOL3
HPAVOL2
HPAVOL1
HPAVOL0
p51
00
0
0
0
0
0
0
23h Headphone B
Volume
HPBVOL7
HPBVOL6
HPBVOL5
HPBVOL4
HPBVOL3
HPBVOL2
HPBVOL1
HPBVOL0
p51
00
0
0
0
0
0
0
24h Speaker A
Volume
SPKAVOL7
SPKAVOL6
SPKAVOL5
SPKAVOL4
SPKAVOL3
SPKAVOL2
SPKAVOL1
SPKAVOL0
p52
00
0
0
0
0
0
0
25h Speaker B
Volume
SPKBVOL7
SPKBVOL6
SPKBVOL5
SPKBVOL4
SPKBVOL3
SPKBVOL2
SPKBVOL1
SPKBVOL0
p52
00
0
0
0
0
0
0
26h Channel Mixer
& Swap
PCMASWP1 PCMASWP0 PCMBSWP1
PCMBSWP0
Reserved
Reserved
Reserved
Reserved
p52
00
0
0
0
0
0
0
27h Limit Ctl 1,
Thresholds
LMAX2
LMAX1
LMAX0
CUSH2
CUSH1
CUSH0
LIMSRDIS
LIMZCDIS
p53
00
0
0
0
0
0
0
28h Limit Ctl 2,
Release Rate
LIMIT
LIMIT_ALL
LIMRRATE5
LIMRRATE4
LIMRRATE3 LIMRRATE2 LIMRRATE1
LIMRRATE0
p54
01
1
1
1
1
1
1
29h Limiter Attack
Rate
Reserved
Reserved
LIMARATE5
LIMARATE4
LIMARATE3
LIMARATE2
LIMARATE1
LIMARATE0
p55
00
0
0
0
0
0
0
2Ah Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
00
0
0
0
0
0
0
2Bh Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
00
1
1
1
1
1
1
2Ch- Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
2Dh
0
0
0
0
0
0
0
0
2Eh Overflow &
Clock Status
Reserved
SPCLKERR
DSPBOVFL
DSPAOVFL
PCMAOVFL
PCMBOVFL
Reserved
Reserved
p55
00
0
0
0
0
0
0
2Fh Battery Com-
pensation
BATTCMP
VPMONITOR
Reserved
Reserved
VPREF3
VPREF2
VPREF1
VPREF0
p56
00
0
0
0
0
0
0
30h VP Battery
Level
VPLVL7
VPLVL6
VPLVL5
VPLVL4
VPLVL3
VPLVL2
VPLVL1
VPLVL0
p57
00
0
0
0
0
0
0
31h Speaker Status
Reserved
Reserved
SPKASHRT
SPKBSHRT
SPKR/HP
Reserved
Reserved
Reserved
p57
00
0
0
0
0
0
0
32h Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
00
1
1
1
0
1
1
33h Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
00
0
0
0
0
0
0
34h Charge Pump
Frequency
CHGFREQ3
CHGFREQ2
CHGFREQ1
CHGFREQ0
Reserved
Reserved
Reserved
Reserved
p58
01
0
1
1
1
1
1
Adr. Function
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com