Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 15Page - Cirrus Logic CS43L22 Datasheet HTML 16Page - Cirrus Logic CS43L22 Datasheet HTML 17Page - Cirrus Logic CS43L22 Datasheet HTML 18Page - Cirrus Logic CS43L22 Datasheet HTML 19Page - Cirrus Logic CS43L22 Datasheet HTML 20Page - Cirrus Logic CS43L22 Datasheet HTML 21Page - Cirrus Logic CS43L22 Datasheet HTML 22Page - Cirrus Logic CS43L22 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
DS792F2
19
CS43L22
Confidential Draft
3/4/10
POWER CONSUMPTION See (Note 16)
16. Unless otherwise noted, test conditions are as follows: All zeros input, Slave Mode, sample
rate = 48 kHz; No load. Digital (VD) and logic (VL) supply current will vary depending on speed mode
and master/slave operation.“Required Initialization Settings” on page 32 written on power up.
17. RESET pin 25 held LO, all clocks and data lines are held LO.
18. RESET pin 25 held HI, all clocks and data lines are held HI.
19. VL current will slightly increase in Master Mode.
Register Settings
Typical Current (mA)
Operation
02h
04h
V
iVHP
iVA
iVD
iVL
VL=3.3V
(Note 19)
iVP
VP=3.7V
Total
Power
(mWrms)
1
Off (Note 17)
x
x
x
x
x
1.8
0.00
0.00
0.00
0.00
0.00
0.00
2.5
0.00
0.00
0.00
0.00
2
Standby (Note 18)
0x9F
x
x
x
x
1.8
0.00
0.00
0.01
0.00
0.00
0.02
2.5
0.00
0.00
0.02
0.05
3
Stereo Passthrough to Headphone
0x9E 10
10
11
11
1.8
2.79
1.91
1.06
0.01
0.00
10.39
2.5
3.18
2.14
1.81
17.85
4
Mono Playback to Headphone
0x9E 10
11
11
11
1.8
1.59
1.99
2.72
0.01
0.00
11.36
2.5
2.07
2.62
4.27
22.43
5
Stereo Playback to Headphone
0x9E 10
10
11
11
1.8
2.77
2.00
2.91
0.01
0.00
13.84
2.5
3.27
2.63
4.28
25.48
6
Mono Playback to Speaker
0x9E 11
11
10
10
1.8
0.00
0.20
4.42
0.01
1.00
12.05
2.5
0.00
0.22
6.77
21.21
7
Stereo Playback to Speaker
0x9E 11
11
10
10
1.8
0.00
0.20
4.38
0.01
1.00
11.98
2.5
0.00
0.22
6.80
21.28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com