Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 25Page - Cirrus Logic CS43L22 Datasheet HTML 26Page - Cirrus Logic CS43L22 Datasheet HTML 27Page - Cirrus Logic CS43L22 Datasheet HTML 28Page - Cirrus Logic CS43L22 Datasheet HTML 29Page - Cirrus Logic CS43L22 Datasheet HTML 30Page - Cirrus Logic CS43L22 Datasheet HTML 31Page - Cirrus Logic CS43L22 Datasheet HTML 32Page - Cirrus Logic CS43L22 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
DS792F2
29
CS43L22
Confidential Draft
3/4/10
4.6
Serial Port Clocking
The CS43L22 serial audio interface port operates either as a slave or master, determined by the M/S bit. It
accepts externally generated clocks in Slave Mode and will generate synchronous clocks derived from an
input master clock (MCLK) in Master Mode. Refer to the tables below for the required setting in register 05h
and 06h associated with a given MCLK and sample rate.
Referenced Control
Register Location
M/S...................................
Register 05h......................
Register 06h......................
“Master/Slave Mode” on page 40
“Clocking Control (Address 05h)” on page 38
“Interface Control 1 (Address 06h)” on page 40
MCLK
(MHz)
Sample Rate,
Fs (kHz)
SPEED[1:0]
(AUTO=’0’b)
32kGROUP
VIDEOCLK
RATIO[1:0]
MCLKDIV2
12.2880
8.0000
11
1
0
00
0
12.0000
11
0
0
00
0
16.0000
10
1
0
00
0
24.0000
10
0
0
00
0
32.0000
01
1
0
00
0
48.0000
01
0
0
00
0
96.0000
00
0
0
00
0
11.2896
11.0250
11
0
0
00
0
22.0500
10
0
0
00
0
44.1000
01
0
0
00
0
88.2000
00
0
0
00
0
18.4320
(Slave
Mode
ONLY)
8.0000
11
1
0
00
0
12.0000
11
0
0
00
0
16.0000
10
1
0
00
0
24.0000
10
0
0
00
0
32.0000
01
1
0
00
0
48.0000
01
0
0
00
0
96.0000
00
0
0
00
0
16.9344
(Slave
Mode
ONLY)
*8.0182...
11
0
0
10
0
11.0250
11
0
0
00
0
22.0500
10
0
0
00
0
44.1000
01
0
0
00
0
88.2000
00
0
0
00
0
12.0000
8.0000
11
1
0
01
0
*11.0294...
11
0
0
11
0
12.0000
11
0
0
01
0
16.0000
10
1
0
01
0
*22.0588...
10
0
0110
24.0000
10
0
0
01
0
32.0000
01
1
0
01
0
*44.1176...
01
0
0110
48.0000
01
0
0
01
0
*88.2353...
00
0
0110
96.0000
00
0
0
01
0
24.0000
8.0000
11
1
0
01
1
*11.0294...
11
0
0
11
1
12.0000
11
0
0
01
1
16.0000
10
1
0
01
1
*22.0588...
10
0
0111
24.0000
10
0
0
01
1
32.0000
01
1
0
01
1
*44.1176...
01
0
0111
48.0000
01
0
0
01
1
*88.2353...
00
0
0111
96.0000
00
0
0
01
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com