Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS4036G Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS4036G
Description  Two-Cell Li-Ion and Li-Polymer Charge Management IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4036G Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS4036G Datasheet HTML 1Page - Silicon Standard Corp. SS4036G Datasheet HTML 2Page - Silicon Standard Corp. SS4036G Datasheet HTML 3Page - Silicon Standard Corp. SS4036G Datasheet HTML 4Page - Silicon Standard Corp. SS4036G Datasheet HTML 5Page - Silicon Standard Corp. SS4036G Datasheet HTML 6Page - Silicon Standard Corp. SS4036G Datasheet HTML 7Page - Silicon Standard Corp. SS4036G Datasheet HTML 8Page - Silicon Standard Corp. SS4036G Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.SiliconStandard.com
2 of 9
SS4036G
1/09/2006 Rev.3.01
PIN DESCRIPTION
PIN CONFIGURATION
VDD
1
8
GND
Temp
2
SS4036G
7
V2
CCTL
3
6
V1
LED
4
5
Isense
Pin Name
Pin No
I/O
Description
VDD
1
P
Operating voltage input
Temp
2
A
Temperature sense voltage input
CCTL
3
O
Charging control (PWM) output
LED
4
O
Status indication
Isense
5
A
Current sense voltage input
V1
6
A
Cell 1 voltage (low side)
V2
7
A
Cell 2 voltage (high side)
GND
8
G
Ground
ABSOLUTE MAXIMUM RATINGS
DC Voltage ………… -0.3V to +7.0V
Storage Temperature…………. -55°C to +125°C
I/O Voltage……. (GND-0.3V) TO (VDD+0.3V)
Operating Temperature………. -40°C to +85°C
* Stresses beyond those listed as “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied or intended. Exposure to the absolute maximum rating
condition for an extended period may affect device reliability.
ELECTRICAL CHARACTERISTICS
VDD = 4.5V – 5.5V, GND = 0V, TA = 25°C, fosc = 4MHz, unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max
Unit
Condition
Operating
Voltage
VDD
4.5
5.0
5.5
V
Operating
Current
IOP
-
1.5
2
mA
No load, ADC off
Standby
Current
ISB
-
-
1
uA
No load, ADC off, WDT off,
LVR off
Output High
Voltage
VOH
VDD-0.7
-
-
V
All I/O, IOH = -10mA
Output Low
Voltage
VOL
-
-
GND+0.6
V
All I/O, IOL=20mA
Analog
Input
Ain
GND
VDD
V
Temp, Isense, V1, V2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com