Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS4036G Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS4036G
Description  Two-Cell Li-Ion and Li-Polymer Charge Management IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4036G Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS4036G Datasheet HTML 1Page - Silicon Standard Corp. SS4036G Datasheet HTML 2Page - Silicon Standard Corp. SS4036G Datasheet HTML 3Page - Silicon Standard Corp. SS4036G Datasheet HTML 4Page - Silicon Standard Corp. SS4036G Datasheet HTML 5Page - Silicon Standard Corp. SS4036G Datasheet HTML 6Page - Silicon Standard Corp. SS4036G Datasheet HTML 7Page - Silicon Standard Corp. SS4036G Datasheet HTML 8Page - Silicon Standard Corp. SS4036G Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.SiliconStandard.com
3 of 9
SS4036G
1/09/2006 Rev.3.01
ELECTRICAL CHARACTERISTICS (continued)
VDD = 5V, GND = 0V, TA = 25°C, fosc = 4MHz, Rsens=100mΩ, unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max
Unit
Description
Voltage Control
Precharge
Threshold
Vlow
-
3.10
-
V
CC/CV Threshold
Vcv
-
4.15
-
V
Switch to CV mode above this
value
Max Cell Voltage
Vmax
-
4.25
-
V
Maximum cell voltage
Bad Battery
Threshold
Vbad
-
0.5
-
V
Difference between V1 and V2
Temperature Sensing
Low Temp
Threshold
VTlow
-
3.03
-
V
Upper limit of temperature-sense
voltage
High Temp
Threshold
VThigh
-
1.53
-
V
Lower limit of temperature-sense
voltage
Resume Threshold
VTrsm
-
1.84
-
V
Threshold for resuming charging
Current Control
Precharge Current
Ipre
-
20/Rsense
-
mA
See note 1 below.
Charge Current
Ichg
-
1
00/Rsense
-
mA
See note 1 below.
Taper Current
Itaper
-
20/Rsense
-
mA
See note 1 below. Fully c
harged if
the taper current is
below this value
Time Control
Max Charge Time
Tchg
340
m
in
Maximum charging time allowed
Note 1: The SS4036G monitors charging current by sensing, at the input pin Isense (5), the voltage
drop across a sense resistor, Rsense - see the explanation on page 7.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com