Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS4036G Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS4036G
Description  Two-Cell Li-Ion and Li-Polymer Charge Management IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4036G Datasheet(HTML) 7 Page - Silicon Standard Corp.

  SS4036G Datasheet HTML 1Page - Silicon Standard Corp. SS4036G Datasheet HTML 2Page - Silicon Standard Corp. SS4036G Datasheet HTML 3Page - Silicon Standard Corp. SS4036G Datasheet HTML 4Page - Silicon Standard Corp. SS4036G Datasheet HTML 5Page - Silicon Standard Corp. SS4036G Datasheet HTML 6Page - Silicon Standard Corp. SS4036G Datasheet HTML 7Page - Silicon Standard Corp. SS4036G Datasheet HTML 8Page - Silicon Standard Corp. SS4036G Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.SiliconStandard.com
7 of 9
SS4036G
1/09/2006 Rev.3.01
CHARGING CONTROL
1k
Ω
3.3k
Ω
10k
Ω
NPN1
CAP
V+
VB+
VDD
VDD
1
GND
8
TEMP
2
V2
7
CCTL
3
V1
6
LED
4
ISENSE
5
U?
SS4036G
Figure 4 shows the linear charger circuit using the
MOSFET which is working in the active region. This
SS4036G. The output of pin CCTL (3) is a pulse-
P-channel MOSFET must be chosen carefully to
width-modulated (PWM) signal. This signal is
handle the required power dissipation.
translated to a DC voltage to control the P-channel
CHARGING STATUS INDICATION
The LED (4) output pin can sink at most 20mA to light up the LED. Table 1 summarizes the operation of this LED pin.
LED pin output
Condition
High
Normal charging
Low
Fully charged
4 Hz square signal
Bad battery, charging continued
Hi-Z
Temperature fault, charging suspended
Figure 4. Charging Control
Table 1. Charging Status
P-channel
MOSFET



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com