Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS4036G Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS4036G
Description  Two-Cell Li-Ion and Li-Polymer Charge Management IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4036G Datasheet(HTML) 6 Page - Silicon Standard Corp.

  SS4036G Datasheet HTML 1Page - Silicon Standard Corp. SS4036G Datasheet HTML 2Page - Silicon Standard Corp. SS4036G Datasheet HTML 3Page - Silicon Standard Corp. SS4036G Datasheet HTML 4Page - Silicon Standard Corp. SS4036G Datasheet HTML 5Page - Silicon Standard Corp. SS4036G Datasheet HTML 6Page - Silicon Standard Corp. SS4036G Datasheet HTML 7Page - Silicon Standard Corp. SS4036G Datasheet HTML 8Page - Silicon Standard Corp. SS4036G Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.SiliconStandard.com
6 of 9
SS4036G
1/09/2006 Rev.3.01
VOLTAGE, CURRENT AND TEMPERATURE SENSING
10k
Ω
CELL2
CELL1
RA
6.8k
Ω
103AT
THERMISTER
R13 51k
Ω
51k
Ω
R14
51k
Ω
100m
Ω
VDD
RB
20k
Ω
3k
Ω
LED
VDD
1
GND
8
TEMP
2
V2
7
CCTL
3
V1
6
LED
4
ISENSE
5
SS4036G
Figure 3. Cell voltage, current sense and temperature sensor
Figure 3 shows the cell voltage sense, current sense
sense and temperature detecting circuit. The pack
pack voltage is divided by 2 (by using two equal
resistors, R13 and R14). This guarantees that the
the voltage on the V2 input pin (7) will not exceed
VDD. The SS4036G monitors the charge current by
measuring at the Isense input pin (5) the voltage drop
across a sense resistor, connected between VSS
(battery negative) and GND (Charger ground). The
value of this resistor should be between 50m
Ω and
150m
Ω .
To detect the temperature, a negative-temperature-
coefficient thermistor is used as a sensor. A 103AT
sensor. A 103AT and a voltage divider (resistor RA
and RB) are recommended.
The resistor values for RA and RB are calculated
using the following equations:
Where,
VDD is 5V
Rc is the cold temperature resistance
Rh is the hot temperature resistance
RA, RB are in k
Ω .
Example :
For thermistor 103AT, the hot temperature
temperature is 55°C and the cold temperature is 5°C,
then RA = 6.8kΩ , RB= 20kΩ .
The temperature detection can be disabled by
connecting the Temp pin (2) to VDD.
1.615 x Rc x Rh
Rc - Rh
RA =
5 x Rc x Rh
2Rc - 7 Rh
RB =



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com