Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6341 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6341
Description  High Performance, Triple-Output, Auto-Tracking Combo Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6341 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6341 Datasheet HTML 1Page - Silicon Standard Corp. SS6341 Datasheet HTML 2Page - Silicon Standard Corp. SS6341 Datasheet HTML 3Page - Silicon Standard Corp. SS6341 Datasheet HTML 4Page - Silicon Standard Corp. SS6341 Datasheet HTML 5Page - Silicon Standard Corp. SS6341 Datasheet HTML 6Page - Silicon Standard Corp. SS6341 Datasheet HTML 7Page - Silicon Standard Corp. SS6341 Datasheet HTML 8Page - Silicon Standard Corp. SS6341 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.SiliconStandard.com
3 of 14
SS6341
n ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ..................................................................................................................15V
UGATE ...................................................................................................... GND - 0.3V to VCC + 0.3V
LGATE....................................................................................................... GND - 0.3V to VCC + 0.3V
Input Output and I/O Voltage................................................................................... GND - 0.3V to 7V
Recommended Operating Conditions
Ambient Temperature Range ..........................................................................................0
° C to 85°C
Maximum Operating Junction Temperature .............................................................................. 100
°C
Supply Voltage, VCC .......................................................................................................... 15V
±10%
Thermal Information
Thermal Resistance
θ
JA (
°C/W)
SOIC Package ........................................................................................................... 100
°C/W
Maximum Junction Temperature (Plastic Package) .................................................................. 150
°C
Maximum Storage Temperature Range...................................................................... -65
°C to 150°C
Maximum Lead Temperature (Soldering 10s) ........................................................................... 300
°C
n TEST CIRCUIT
Refer to the APPLICATION CIRCUIT on page 14.
n ELECTRICAL CHARACTERISTICS (V
cc=12V, TJ=25
°C, Unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
VCC SUPPLY CURRENT
Supply Current
UGATE, LGATE, GATE2 and
GATE3 open
ICC
1.8
5
mA
POWER ON RESET
Rising VCC Threshold
VOCSET=4.5V
VCCTHR
8.6
9.5
10.4
V
Falling VCC Threshold
VOCSET=4.5V
VCCTHF
8.2
9.2
10.2
V
Rising VIN2 Under-Voltage
Threshold
VIN2THR
2.5
2.6
2.7
V
VIN2 Under-Voltage
Hysteresis
VIN2HYS
130
mV
Rising VOCSET1 Threshold
VOCSETH
1.3
V
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com