Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6341 Datasheet(PDF) 13 Page - Silicon Standard Corp.

Part # SS6341
Description  High Performance, Triple-Output, Auto-Tracking Combo Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6341 Datasheet(HTML) 13 Page - Silicon Standard Corp.

Back Button SS6341 Datasheet HTML 6Page - Silicon Standard Corp. SS6341 Datasheet HTML 7Page - Silicon Standard Corp. SS6341 Datasheet HTML 8Page - Silicon Standard Corp. SS6341 Datasheet HTML 9Page - Silicon Standard Corp. SS6341 Datasheet HTML 10Page - Silicon Standard Corp. SS6341 Datasheet HTML 11Page - Silicon Standard Corp. SS6341 Datasheet HTML 12Page - Silicon Standard Corp. SS6341 Datasheet HTML 13Page - Silicon Standard Corp. SS6341 Datasheet HTML 14Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
www.SiliconStandard.com
13 of 14
SS6341
n APPLICATION CIRCUIT
+
+
UGATE
PHASE
VIN2
LGATE
GATE3
PGND
FB3
GATE2
FB2
COMP1
SS
GND
+5VIN
VCC
+12VIN
15
OCSET
4
7
11
8
6
2.5V OUT
3.3V OUT
+5.0VIN
12
13
16
1
2
14
14
5V OUT
+
5
GND
FB1
3
SD
10
+
+5.0VIN
1000
µF *5
0.1
µF
1000
µF*2
2K
24K
8.2K
91K
1000pF
33pF
3.9K
2.4K
2.4K
2.4K
1
µH
7
µH
1000pF
K
10
0.1
µF
1
µF
SS6341CS
Typical Application Circuit for Multiple Outputs
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com