Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6341 Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS6341
Description  High Performance, Triple-Output, Auto-Tracking Combo Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6341 Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS6341 Datasheet HTML 3Page - Silicon Standard Corp. SS6341 Datasheet HTML 4Page - Silicon Standard Corp. SS6341 Datasheet HTML 5Page - Silicon Standard Corp. SS6341 Datasheet HTML 6Page - Silicon Standard Corp. SS6341 Datasheet HTML 7Page - Silicon Standard Corp. SS6341 Datasheet HTML 8Page - Silicon Standard Corp. SS6341 Datasheet HTML 9Page - Silicon Standard Corp. SS6341 Datasheet HTML 10Page - Silicon Standard Corp. SS6341 Datasheet HTML 11Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ww w.Sil ic onStandard .com
7 of 14
SS6341
n TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
0 to 400mA Load Step
VOUT2
VOUT1
5A to 12A Load Step
2.0VDC
FIG. 4 Transient Response of Linear Regulator
FIG. 5 Transient Response of PWM Output
VOUT3 (2mV/div)
1A to 2A Load Step
-20
0
20
40
60
80
1
00
180
185
190
195
200
205
210
FIG. 6 Transient Response of Linear Controller
FIG.7 OCSET Current vs.Temperature (
°C)
-20 -10
0
10
20
30
40
50
60
70
80
90
100
9.25
9.30
9.35
9.40
9.45
9.50
9.55
4.0
4.5
5.0
5.5
6.0
6.5
7.0
-0.2
-0.1
0.0
0.1
0.2
0.3
NO LOAD
FIG.8 SS Current vs. Temperature (
°C)
FIG.9 VOUT1 Drift vs. VIN (V)
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com