Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6341 Datasheet(PDF) 12 Page - Silicon Standard Corp.

Part # SS6341
Description  High Performance, Triple-Output, Auto-Tracking Combo Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6341 Datasheet(HTML) 12 Page - Silicon Standard Corp.

Back Button SS6341 Datasheet HTML 6Page - Silicon Standard Corp. SS6341 Datasheet HTML 7Page - Silicon Standard Corp. SS6341 Datasheet HTML 8Page - Silicon Standard Corp. SS6341 Datasheet HTML 9Page - Silicon Standard Corp. SS6341 Datasheet HTML 10Page - Silicon Standard Corp. SS6341 Datasheet HTML 11Page - Silicon Standard Corp. SS6341 Datasheet HTML 12Page - Silicon Standard Corp. SS6341 Datasheet HTML 13Page - Silicon Standard Corp. SS6341 Datasheet HTML 14Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
www.SiliconStandard.com
12 of 14
SS6341
even if the same device type is used for both. This is
because the gate drive applied to the upper MOSFET is
different than the lower MOSFET. Logic level MOSFETs
should
be
selected
based
on
on-resistance
considerations. RDS(ON) should be chosen based on input
and output voltage, allowable power dissipation and
maximum required output current. Power dissipation
should be calculated based primarily on required
efficiency or allowable thermal dissipation.
A Schottky diode is used as a clamp to prevent the
parasitic MOSFET body diode from conducting during
the dead time between the turn off of the lower MOSFET
and the turn on of the upper MOSFET. The diode’s rated
reverse breakdown voltage must be greater than twice
the maximum input voltage.
Linear Controller MOSFET Selection
The power dissipated in a linear regulator is :
)
V
(V
I
P
OUT
IN2
OUT
LINEAR
−
×
=
Select a package and heatsink that maintains junction
temperature below the maximum rating while operating at
the highest expected ambient temperature.
Linear Output Capacitor
The output capacitors for the linear controller provide
dynamic load current. The linear controller uses dominant
pole compensation integrated in the error amplifier and is
insensitive to output capacitor selection. COUT2 and COUT3
should be selected for transient load regulation.
Notes
VOUT1 - The PWM output
VOUT2 - The output of the linear controller managed by
FB2 and GATE2
VOUT3 - The output of the linear controller managed by
FB3 and GATE3
These refer to the TYPICAL APPLICATION CIRCUITS
on pages 3 and 14.
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com