Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6563 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6563
Description  Versatile DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6563 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6563 Datasheet HTML 1Page - Silicon Standard Corp. SS6563 Datasheet HTML 2Page - Silicon Standard Corp. SS6563 Datasheet HTML 3Page - Silicon Standard Corp. SS6563 Datasheet HTML 4Page - Silicon Standard Corp. SS6563 Datasheet HTML 5Page - Silicon Standard Corp. SS6563 Datasheet HTML 6Page - Silicon Standard Corp. SS6563 Datasheet HTML 7Page - Silicon Standard Corp. SS6563 Datasheet HTML 8Page - Silicon Standard Corp. SS6563 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.SiliconStandard.com
2 of 10
SS6563
ORDERING INFORMATION
PIN CONFIGURATION
Example: SS6563CSTR
à in SO-8 package shipped in tape and reel
PDIP-8, SO-8
TOP VIEW
VCC
BOOST
DE
CF
GND
IS
FB
DC
1
3
4
2
8
6
5
7
SS6563-CXXX
Packing
TR: Tape and reel
TB: Tubes
Package type
N: PDIP-8 (only available in tubes)
S: SO-8
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ..............................................................……………............................. 30V
Comparator Input Voltage Range ............................................………….......... -0.3V~30V
Switch Collector Voltage ....................................................……………......................... 30V
Switch Emitter Voltage ......................................................……………......................... 30V
Switch Collector to Emitter Voltage ..................................…………............................. 30V
Driver Collector Voltage ....................................................…………….......................... 30V
Switch Current ................................................………………......................................... 2A
Power Dissipation and Thermal Characteristics
DIP Package
Ta= 25
°C............................…………................................ 1.0W
Thermal Resistance.............…………......................... 100
°C/W
SO Package
Ta= 25
°C......................……………............................... 625mW
Thermal Resistance ...................………...................... 160
°C/W
Operating Junction Temperature .....................................................………............. 125
°C
Operating Ambient Temperature Range .......................……………......................... 0~70
°C
Storage Temperature Range...................................………….................... - 65
°C ~ 150°C
Rev.2.02 4/06/2004



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com