Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6563 Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS6563
Description  Versatile DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6563 Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS6563 Datasheet HTML 2Page - Silicon Standard Corp. SS6563 Datasheet HTML 3Page - Silicon Standard Corp. SS6563 Datasheet HTML 4Page - Silicon Standard Corp. SS6563 Datasheet HTML 5Page - Silicon Standard Corp. SS6563 Datasheet HTML 6Page - Silicon Standard Corp. SS6563 Datasheet HTML 7Page - Silicon Standard Corp. SS6563 Datasheet HTML 8Page - Silicon Standard Corp. SS6563 Datasheet HTML 9Page - Silicon Standard Corp. SS6563 Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.SiliconStandard.com
6 of 10
SS6563
PIN DESCRIPTIONS
PIN 1: DC
- The collector of the switch - 2A.
PIN 2: DE
- Darlington switch emitter.
PIN 3: CF
- Oscillator timing capacitor.
PIN 4: GND - Power ground.
PIN 5: FB
- Feedback comparator inverting input.
PIN 6: VCC - Power supply input.
PIN 7: IS
- Highside current sense input.
VCC - VIS=300mV.
PIN 8: BOOST - Bootstrapped driver collector.
APPLICATION INFORMATION
DESIGN FORMULA TABLE
CALCULATION
STEP-DOWN
STEP-UP
t
t
ON
OFF
V
+ V
V
- V
- V
OUT
F
IN(MIN)
SAT
OUT
V
+ V
V
V
- V
OUT
F
IN(MIN)
IN(MIN)
SAT
-
(tON + tOFF) MAX
1
FMIN
1
FMIN
CT
4x10
-5t
ON
4 x 10
-5t
ON
IC (SWITCH)
2IOUT(MAX)
2IOUT(MAX) (
)
t
+ t
t
ON
OFF
OFF
RS
0.3/IC(SWITCH)
0.3/ IC (SWITCH)
L(MIN)
(
)
V
- V
- V
I
t
IN(MIN)
SAT
OUT
C(SWITCH)
ON(MAX)
(
)
V
- V
I
t
IN(MIN)
SAT
C(SWITCH)
ON(MAX)
Co
I
(t
+ t
8 V
C ( SWITCH)
ON
OFF
RIPPLE( P - P )
)
I
t
V
OUT
ON
RIPPLE(P - P)
VSAT = Saturation voltage of the output switch.
VF
= Forward voltage of the ringback rectifier
The following power supply characteristics must be
chosen:
VIN
- Nominal input voltage.
VOUT
- Desired output voltage,
VOUT = 1.25 (1 + RB/RA)
IOUT
- Desired output current.
FMIN
- Minimum desired switching frequency at
selected values for VIN and IOUT.
VRIPPLE (P-P) - Desired peak-to-peak output ripple voltage.
In practice, the calculated value will need
to be increased due to the capacitor
equivalent series resistance and board lay-
out. The ripple voltage should be kept to a
low value since it will directly affect the line
and load regulation.
Rev.2.02 4/06/2004



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com