Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6563 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6563
Description  Versatile DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6563 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6563 Datasheet HTML 1Page - Silicon Standard Corp. SS6563 Datasheet HTML 2Page - Silicon Standard Corp. SS6563 Datasheet HTML 3Page - Silicon Standard Corp. SS6563 Datasheet HTML 4Page - Silicon Standard Corp. SS6563 Datasheet HTML 5Page - Silicon Standard Corp. SS6563 Datasheet HTML 6Page - Silicon Standard Corp. SS6563 Datasheet HTML 7Page - Silicon Standard Corp. SS6563 Datasheet HTML 8Page - Silicon Standard Corp. SS6563 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.SiliconStandard.com
3 of 10
SS6563
TEST CIRCUIT
BOOST
SS6563
8
7
6
5
4
3
2
1
DC
IS
DE
CF
GND
FB
VCC
R1
1 K
CT
1nF
1A
Current Source
VCC
1.275V
VCC
50mA
Current Source
4.55V
@VCC=5V
4.75V
2V/0V
IDISCHG/ ICHG
1.225V
ELECTRICAL CHARACTERISTICS
(VCC= 5V, TA=25
°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Oscillator
Charging Current
5.0V
≤VCC≤30V
ICHG
10
25
40
µA
Discharge Current
5.0V
≤VCC≤30V
IDISCHG
100
150
200
µA
Voltage Swing
PIN 3
VOSC
0.6
V
Discharge to Charge Cur-
rent Ratio
VIS =VCC
IDISCHG / ICHG
6.0
Current Limit Sense Voltage ICHG=IDISCHG
VCC – VIS
250
300
350
mV
Output Switch
Saturation Voltage, Emitter
Follower Connection
IDE=1.0A;
VBOOST =VDC = VCC
VCE(SAT)
1.5
1.8
V
Saturation Voltage
IDC=1.0A; IBOOST
=50mA, (Forced
β≅20)
VCE (SAT)
0.4
0.7
V
DC Current Gain
ISC =1.0A; VCE=5.0V
hFE
35
120
Collector Off-State Current
VCE=30V
IC(OFF)
10
nA
Rev.2.02 4/06/2004



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com